Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 58 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 58 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 54Page - Texas Instruments AM62A7 Datasheet HTML 55Page - Texas Instruments AM62A7 Datasheet HTML 56Page - Texas Instruments AM62A7 Datasheet HTML 57Page - Texas Instruments AM62A7 Datasheet HTML 58Page - Texas Instruments AM62A7 Datasheet HTML 59Page - Texas Instruments AM62A7 Datasheet HTML 60Page - Texas Instruments AM62A7 Datasheet HTML 61Page - Texas Instruments AM62A7 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 238 page
background image
Table 6-23. GPIO1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
GPIO1_37 (1)
IO
General Purpose Input/Output
Y7
GPIO1_38 (1)
IO
General Purpose Input/Output
AB6
GPIO1_39 (1)
IO
General Purpose Input/Output
AA6
GPIO1_40 (1)
IO
General Purpose Input/Output
AB7
GPIO1_41 (1)
IO
General Purpose Input/Output
Y6
GPIO1_42 (1)
IO
General Purpose Input/Output
D22
GPIO1_43 (1)
IO
General Purpose Input/Output
C22
GPIO1_44 (1)
IO
General Purpose Input/Output
D21
GPIO1_45 (1)
IO
General Purpose Input/Output
B22
GPIO1_46 (1)
IO
General Purpose Input/Output
E22
GPIO1_47 (1)
IO
General Purpose Input/Output
C21
GPIO1_48 (1)
IO
General Purpose Input/Output
E18
GPIO1_49 (1)
IO
General Purpose Input/Output
D18
GPIO1_50
IO
General Purpose Input/Output
C20
GPIO1_51
IO
General Purpose Input/Output
D19
(1)
This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
6.3.10.2 MCU Domain
Table 6-24. MCU_GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MCU_GPIO0_0 (1)
IO
General Purpose Input/Output
E11
MCU_GPIO0_1 (1)
IO
General Purpose Input/Output
C11
MCU_GPIO0_2
IO
General Purpose Input/Output
B13
MCU_GPIO0_3
IO
General Purpose Input/Output
A15
MCU_GPIO0_4
IO
General Purpose Input/Output
B12
MCU_GPIO0_5
IO
General Purpose Input/Output
D8
MCU_GPIO0_6
IO
General Purpose Input/Output
F8
MCU_GPIO0_7 (1)
IO
General Purpose Input/Output
B11
MCU_GPIO0_8 (1)
IO
General Purpose Input/Output
D10
MCU_GPIO0_9
IO
General Purpose Input/Output
C9
MCU_GPIO0_10
IO
General Purpose Input/Output
E9
MCU_GPIO0_11 (1)
IO
General Purpose Input/Output
C10
MCU_GPIO0_12 (1)
IO
General Purpose Input/Output
C8
MCU_GPIO0_13
IO
General Purpose Input/Output
C7
MCU_GPIO0_14
IO
General Purpose Input/Output
E8
MCU_GPIO0_15 (1)
IO
General Purpose Input/Output
D7
MCU_GPIO0_16 (1)
IO
General Purpose Input/Output
B9
MCU_GPIO0_17
IOD
General Purpose Input/Output
E12
MCU_GPIO0_18
IOD
General Purpose Input/Output
D9
MCU_GPIO0_19
IOD
General Purpose Input/Output
D13
MCU_GPIO0_20
IOD
General Purpose Input/Output
E13
MCU_GPIO0_21
IO
General Purpose Input/Output
D14
MCU_GPIO0_22
IO
General Purpose Input/Output
D12
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
www.ti.com
58
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com