| Electronic Components Datasheet Search |
|
AM62A7 Datasheet(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 Datasheet(HTML) 62 Page - Texas Instruments |
|
62 / 238 page ![]() 6.3.13 MCAN 6.3.13.1 MAIN Domain Table 6-32. MCAN0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] MCAN0_RX I MCAN Receive Data C18 MCAN0_TX O MCAN Transmit Data B17 6.3.13.2 MCU Domain Table 6-33. MCU_MCAN0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] MCU_MCAN0_RX I MCAN Receive Data E8 MCU_MCAN0_TX O MCAN Transmit Data C7 Table 6-34. MCU_MCAN1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] MCU_MCAN1_RX I MCAN Receive Data B9 MCU_MCAN1_TX O MCAN Transmit Data D7 6.3.14 MCASP 6.3.14.1 MAIN Domain Table 6-35. MCASP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] MCASP0_ACLKR IO MCASP Receive Bit Clock A21 MCASP0_ACLKX IO MCASP Transmit Bit Clock A19 MCASP0_AFSR IO MCASP Receive Frame Sync B21 MCASP0_AFSX IO MCASP Transmit Frame Sync A20 MCASP0_AXR0 IO MCASP Serial Data (Input/Output) B20 MCASP0_AXR1 IO MCASP Serial Data (Input/Output) B18 MCASP0_AXR2 IO MCASP Serial Data (Input/Output) B19 MCASP0_AXR3 IO MCASP Serial Data (Input/Output) C19 Table 6-36. MCASP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] MCASP1_ACLKR IO MCASP Receive Bit Clock G20, H22, M20 MCASP1_ACLKX IO MCASP Transmit Bit Clock F22, J20, L19 MCASP1_AFSR IO MCASP Receive Frame Sync G22, K20, M22 MCASP1_AFSX IO MCASP Transmit Frame Sync E21, J22, R18 MCASP1_AXR0 IO MCASP Serial Data (Input/Output) E20, H19, K19 MCASP1_AXR1 IO MCASP Serial Data (Input/Output) F21, K21, L17 MCASP1_AXR2 IO MCASP Serial Data (Input/Output) F20, K20, L18 MCASP1_AXR3 IO MCASP Serial Data (Input/Output) G20, G21, N22 MCASP1_AXR4 IO MCASP Serial Data (Input/Output) G22, M22 MCASP1_AXR5 IO MCASP Serial Data (Input/Output) H22, M20 Table 6-37. MCASP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] MCASP2_ACLKR IO MCASP Receive Bit Clock T21, Y18 AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 62 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |