Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 51 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 47Page - Texas Instruments AM62A7 Datasheet HTML 48Page - Texas Instruments AM62A7 Datasheet HTML 49Page - Texas Instruments AM62A7 Datasheet HTML 50Page - Texas Instruments AM62A7 Datasheet HTML 51Page - Texas Instruments AM62A7 Datasheet HTML 52Page - Texas Instruments AM62A7 Datasheet HTML 53Page - Texas Instruments AM62A7 Datasheet HTML 54Page - Texas Instruments AM62A7 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 238 page
background image
Table 6-8. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
DDR0_DQ18
IO
DDRSS Data
U5
DDR0_DQ19
IO
DDRSS Data
R5
DDR0_DQ20
IO
DDRSS Data
P2
DDR0_DQ21
IO
DDRSS Data
R3
DDR0_DQ22
IO
DDRSS Data
T2
DDR0_DQ23
IO
DDRSS Data
U3
DDR0_DQ24
IO
DDRSS Data
Y2
DDR0_DQ25
IO
DDRSS Data
V2
DDR0_DQ26
IO
DDRSS Data
V4
DDR0_DQ27
IO
DDRSS Data
W5
DDR0_DQ28
IO
DDRSS Data
Y4
DDR0_DQ29
IO
DDRSS Data
AA3
DDR0_DQ30
IO
DDRSS Data
AA5
DDR0_DQ31
IO
DDRSS Data
AB4
DDR0_DQS0
IO
DDRSS Data Strobe
D1
DDR0_DQS0_n
IO
DDRSS Complimentary Data Strobe
C1
DDR0_DQS1
IO
DDRSS Data Strobe
G1
DDR0_DQS1_n
IO
DDRSS Complimentary Data Strobe
F1
DDR0_DQS2
IO
DDRSS Data Strobe
R1
DDR0_DQS2_n
IO
DDRSS Complimentary Data Strobe
P1
DDR0_DQS3
IO
DDRSS Data Strobe
W1
DDR0_DQS3_n
IO
DDRSS Complimentary Data Strobe
Y1
DDR0_ODT0
O
DDRSS On-Die Termination for Chip Select 0
H5
DDR0_ODT1
O
DDRSS On-Die Termination for Chip Select 1
N3
DDR0_RESET0_n
O
DDRSS Reset
P6
(1)
DDRSS implements different signal functions on these signals based on the attached memory device type. The signals function as
Column Address Strobe, Row Address Strobe, Chip Select 0, and Chip Select 1 when DDRSS is configured to operate with DDR4
memory devices. The signals function as Chip Select 1B, Chip Select 0B, Chip Select 0A, and Chip Select 1A respectively when
DDRSS is configured to operate with LPDDR4 memory devices. For more information, refer to Section 9.2.1, DDR Board Design and
Layout Guidelines.
(2)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
6.3.5 DSS
6.3.5.1 MAIN Domain
Table 6-9. DSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
VOUT0_DE
O
Video Output Data Enable
U17
VOUT0_EXTPCLKIN
I
Video Output External Pixel Clock Input
R17
VOUT0_HSYNC
O
Video Output Horizontal Sync
T18
VOUT0_PCLK
O
Video Output Pixel Clock Output
AA22
VOUT0_VSYNC
O
Video Output Vertical Sync
V17
VOUT0_DATA0
O
Video Output Data 0
U22
VOUT0_DATA1
O
Video Output Data 1
U21
VOUT0_DATA2
O
Video Output Data 2
U20
VOUT0_DATA3
O
Video Output Data 3
U19
VOUT0_DATA4
O
Video Output Data 4
T19
VOUT0_DATA5
O
Video Output Data 5
U18
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com