Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 49 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 45Page - Texas Instruments AM62A7 Datasheet HTML 46Page - Texas Instruments AM62A7 Datasheet HTML 47Page - Texas Instruments AM62A7 Datasheet HTML 48Page - Texas Instruments AM62A7 Datasheet HTML 49Page - Texas Instruments AM62A7 Datasheet HTML 50Page - Texas Instruments AM62A7 Datasheet HTML 51Page - Texas Instruments AM62A7 Datasheet HTML 52Page - Texas Instruments AM62A7 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 238 page
background image
Table 6-6. CPTS Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
CP_GEMAC_CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare Output from
CPSW3G0 CPTS
C16, D22
CP_GEMAC_CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output from CPSW3G0
CPTS
A17, C22
CP_GEMAC_CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push Input to Time Sync
Router
B15, D21
CP_GEMAC_CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push Input to Time Sync
Router
B22, E15
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0 Output from Time
Sync Router
D17
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1 Output from Time
Sync Router
B16
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2 Output from Time
Sync Router
B17
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3 Output from Time
Sync Router
C18
6.3.3 CSI-2
6.3.3.1 MAIN Domain
Table 6-7. CSIRX0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
CSI0_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AB14
CSI0_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AB13
CSI0_RXRCALIB (1)
A
CSI pin connected to external resistor for on-chip
resistor calibration
V10
CSI0_RXN0
I
CSI Differential Receive Input (negative)
W12
CSI0_RXN1
I
CSI Differential Receive Input (negative)
Y13
CSI0_RXN2
I
CSI Differential Receive Input (negative)
AA13
CSI0_RXN3
I
CSI Differential Receive Input (negative)
AB11
CSI0_RXP0
I
CSI Differential Receive Input (positive)
W13
CSI0_RXP1
I
CSI Differential Receive Input (positive)
Y14
CSI0_RXP2
I
CSI Differential Receive Input (positive)
AA12
CSI0_RXP3
I
CSI Differential Receive Input (positive)
AB10
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
6.3.4 DDRSS
6.3.4.1 MAIN Domain
Table 6-8. DDRSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
DDR0_ACT_n
O
DDRSS Activation Command
N5
DDR0_ALERT_n
IO
DDRSS Alert
H7
DDR0_CAS_n (1)
O
DDR4 Column Address Strobe / LPDDR4 Chip Select
1B
M5
DDR0_PAR
O
DDRSS Command and Address Parity
N2
DDR0_RAS_n (1)
O
DDR4 Row Address Strobe / LPDDR4 Chip Select 0B
M6
DDR0_WE_n
O
DDRSS Write Enable
N6
DDR0_A0
O
DDRSS Address Bus
J5
DDR0_A1
O
DDRSS Address Bus
J2
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com