Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 6 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 2Page - Texas Instruments AM62A7 Datasheet HTML 3Page - Texas Instruments AM62A7 Datasheet HTML 4Page - Texas Instruments AM62A7 Datasheet HTML 5Page - Texas Instruments AM62A7 Datasheet HTML 6Page - Texas Instruments AM62A7 Datasheet HTML 7Page - Texas Instruments AM62A7 Datasheet HTML 8Page - Texas Instruments AM62A7 Datasheet HTML 9Page - Texas Instruments AM62A7 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 238 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 4
3 Description.......................................................................4
3.1 Functional Block Diagram........................................... 5
4 Revision History.............................................................. 6
5 Device Comparison......................................................... 9
5.1 Related Products...................................................... 10
6 Terminal Configuration and Functions........................12
6.1 Pin Diagrams............................................................ 12
6.2 Pin Attributes.............................................................13
6.3 Signal Descriptions................................................... 47
6.4 Pin Connectivity Requirements.................................73
7 Specifications................................................................ 77
7.1 Absolute Maximum Ratings...................................... 77
7.2 ESD Ratings............................................................. 79
7.3 Power-On Hours (POH)............................................ 79
7.4 Recommended Operating Conditions.......................80
7.5 Operating Performance Points..................................82
7.6 Power Consumption Summary................................. 83
7.7 Electrical Characteristics...........................................84
7.8 VPP Specifications for One-Time Programmable
(OTP) eFuses..............................................................89
7.9 Thermal Resistance Characteristics......................... 90
7.10 Timing and Switching Characteristics..................... 91
8 Detailed Description....................................................207
8.1 Overview................................................................. 207
8.2 Processor Subsystems........................................... 208
8.3 Accelerators and Coprocessors..............................209
8.4 Other Subsystems.................................................. 210
8.5 Peripherals..............................................................212
9 Applications, Implementation, and Layout............... 216
9.1 Device Connection and Layout Fundamentals....... 216
9.2 Peripheral- and Interface-Specific Design
Information................................................................ 217
9.3 Clock Routing Guidelines........................................224
10 Device and Documentation Support........................225
10.1 Device Nomenclature............................................225
10.2 Tools and Software............................................... 228
10.3 Documentation Support........................................ 228
10.4 Support Resources............................................... 228
10.5 Trademarks...........................................................228
10.6 Electrostatic Discharge Caution............................229
10.7 Glossary................................................................229
11 Mechanical, Packaging, and Orderable
Information.................................................................. 230
11.1 Packaging Information.......................................... 230
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com