Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 59 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 55Page - Texas Instruments AM62A7 Datasheet HTML 56Page - Texas Instruments AM62A7 Datasheet HTML 57Page - Texas Instruments AM62A7 Datasheet HTML 58Page - Texas Instruments AM62A7 Datasheet HTML 59Page - Texas Instruments AM62A7 Datasheet HTML 60Page - Texas Instruments AM62A7 Datasheet HTML 61Page - Texas Instruments AM62A7 Datasheet HTML 62Page - Texas Instruments AM62A7 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 238 page
background image
Table 6-24. MCU_GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MCU_GPIO0_23
IO
General Purpose Input/Output
B10
(1)
This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
6.3.11 GPMC
6.3.11.1 MAIN Domain
Table 6-25. GPMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or Address Latch
Enable
L18
GPMC0_CLK
O
GPMC clock
N22
GPMC0_DIR
O
GPMC Data Bus Signal Direction Control
K18
GPMC0_FCLK_MUX
O
GPMC functional clock output
N22
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read Enable
(active low)
L17
GPMC0_WEn
O
GPMC Write Enable (active low)
K19
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
K17
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to effectively
address 8-bit data non-multiplexed memories
U22
GPMC0_A1
OZ
GPMC address 1 Output in A/D non-multiplexed mode
and Address 17 in A/D multiplexed mode
U21
GPMC0_A2
OZ
GPMC address 2 Output in A/D non-multiplexed mode
and Address 18 in A/D multiplexed mode
U20
GPMC0_A3
OZ
GPMC address 3 Output in A/D non-multiplexed mode
and Address 19 in A/D multiplexed mode
U19
GPMC0_A4
OZ
GPMC address 4 Output in A/D non-multiplexed mode
and Address 20 in A/D multiplexed mode
T19
GPMC0_A5
OZ
GPMC address 5 Output in A/D non-multiplexed mode
and Address 21 in A/D multiplexed mode
U18
GPMC0_A6
OZ
GPMC address 6 Output in A/D non-multiplexed mode
and Address 22 in A/D multiplexed mode
V22
GPMC0_A7
OZ
GPMC address 7 Output in A/D non-multiplexed mode
and Address 23 in A/D multiplexed mode
V21
GPMC0_A8
OZ
GPMC address 8 Output in A/D non-multiplexed mode
and Address 24 in A/D multiplexed mode
V19
GPMC0_A9
OZ
GPMC address 9 Output in A/D non-multiplexed mode
and Address 25 in A/D multiplexed mode
V18
GPMC0_A10
OZ
GPMC address 10 Output in A/D non-multiplexed
mode and Address 26 in A/D multiplexed mode
W22
GPMC0_A11
OZ
GPMC address 11 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
W21
GPMC0_A12
OZ
GPMC address 12 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
W20
GPMC0_A13
OZ
GPMC address 13 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
W19
GPMC0_A14
OZ
GPMC address 14 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
Y21
GPMC0_A15
OZ
GPMC address 15 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
Y22
GPMC0_A16
OZ
GPMC address 16 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
T18
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com