Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 61 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 61 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 57Page - Texas Instruments AM62A7 Datasheet HTML 58Page - Texas Instruments AM62A7 Datasheet HTML 59Page - Texas Instruments AM62A7 Datasheet HTML 60Page - Texas Instruments AM62A7 Datasheet HTML 61Page - Texas Instruments AM62A7 Datasheet HTML 62Page - Texas Instruments AM62A7 Datasheet HTML 63Page - Texas Instruments AM62A7 Datasheet HTML 64Page - Texas Instruments AM62A7 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 238 page
background image
Table 6-25. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
GPMC0_AD15
IO
GPMC Data 15 Input/Output in A/D non-multiplexed
mode and additionally Address 16 Output in A/D
multiplexed mode
T21
GPMC0_BE0n_CLE
O
GPMC Lower-Byte Enable (active low) or Command
Latch Enable
L19
GPMC0_BE1n
O
GPMC Upper-Byte Enable (active low)
M18
GPMC0_CSn0
O
GPMC Chip Select 0 (active low)
M19
GPMC0_CSn1
O
GPMC Chip Select 1 (active low)
M21
GPMC0_CSn2
O
GPMC Chip Select 2 (active low)
M22
GPMC0_CSn3
O
GPMC Chip Select 3 (active low)
M20
GPMC0_WAIT0
I
GPMC External Indication of Wait
R18
GPMC0_WAIT1
I
GPMC External Indication of Wait
R17
6.3.12 I2C
6.3.12.1 MAIN Domain
Table 6-26. I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
I2C0_SCL
IOD
I2C Clock
D17
I2C0_SDA
IOD
I2C Data
E16
Table 6-27. I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
I2C1_SCL
IOD
I2C Clock
C17
I2C1_SDA
IOD
I2C Data
E17
Table 6-28. I2C2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
I2C2_SCL
IOD
I2C Clock
M22
I2C2_SDA
IOD
I2C Data
M20
Table 6-29. I2C3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
I2C3_SCL
IOD
I2C Clock
AB7, F14
I2C3_SDA
IOD
I2C Data
C15, Y6
6.3.12.2 MCU Domain
Table 6-30. MCU_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MCU_I2C0_SCL
IOD
I2C Clock
E12
MCU_I2C0_SDA
IOD
I2C Data
D9
6.3.12.3 WKUP Domain
Table 6-31. WKUP_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
WKUP_I2C0_SCL
IOD
I2C Clock
D13
WKUP_I2C0_SDA
IOD
I2C Data
E13
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com