Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 65 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 61Page - Texas Instruments AM62A7 Datasheet HTML 62Page - Texas Instruments AM62A7 Datasheet HTML 63Page - Texas Instruments AM62A7 Datasheet HTML 64Page - Texas Instruments AM62A7 Datasheet HTML 65Page - Texas Instruments AM62A7 Datasheet HTML 66Page - Texas Instruments AM62A7 Datasheet HTML 67Page - Texas Instruments AM62A7 Datasheet HTML 68Page - Texas Instruments AM62A7 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 238 page
background image
Table 6-44. MMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MMC0_DAT4
IO
MMC/SD/SDIO Data
Y8
MMC0_DAT5
IO
MMC/SD/SDIO Data
W7
MMC0_DAT6
IO
MMC/SD/SDIO Data
W9
MMC0_DAT7
IO
MMC/SD/SDIO Data
AB8
Table 6-45. MMC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MMC1_CLK
IO
MMC/SD/SDIO Clock
E22
MMC1_CMD
IO
MMC/SD/SDIO Command
C21
MMC1_SDCD
I
SD Card Detect
E18
MMC1_SDWP
I
SD Write Protect
D18
MMC1_DAT0
IO
MMC/SD/SDIO Data
B22
MMC1_DAT1
IO
MMC/SD/SDIO Data
D21
MMC1_DAT2
IO
MMC/SD/SDIO Data
C22
MMC1_DAT3
IO
MMC/SD/SDIO Data
D22
Table 6-46. MMC2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MMC2_CLK (1)
IO
MMC/SD/SDIO Clock
H22
MMC2_CMD
IO
MMC/SD/SDIO Command
G22
MMC2_SDCD
I
SD Card Detect
C17, F14, F22
MMC2_SDWP
I
SD Write Protect
C15, E17, E21
MMC2_DAT0
IO
MMC/SD/SDIO Data
E20
MMC2_DAT1
IO
MMC/SD/SDIO Data
F21
MMC2_DAT2
IO
MMC/SD/SDIO Data
F20
MMC2_DAT3
IO
MMC/SD/SDIO Data
G21
(1)
For MMC2 to work properly, the CTRLMMR_PADCONFIG71 register must be configured to set (1) the RXACTIVE bit and reset (0) the
TX_DIS bit.
6.3.18 OSPI
6.3.18.1 MAIN Domain
Table 6-47. OSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
OSPI0_CLK
O
OSPI Clock
L22
OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock Input
L21
OSPI0_ECC_FAIL
I
OSPI ECC Status
G20
OSPI0_LBCLKO
IO
OSPI Loopback Clock Output
K22
OSPI0_CSn0
O
OSPI Chip Select 0 (active low)
H21
OSPI0_CSn1
O
OSPI Chip Select 1 (active low)
G19
OSPI0_CSn2
O
OSPI Chip Select 2 (active low)
K20
OSPI0_CSn3
O
OSPI Chip Select 3 (active low)
G20
OSPI0_D0
IO
OSPI Data 0
J21
OSPI0_D1
IO
OSPI Data 1
J18
OSPI0_D2
IO
OSPI Data 2
J19
OSPI0_D3
IO
OSPI Data 3
H18
OSPI0_D4
IO
OSPI Data 4
K21
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com