Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 66 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 66 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 62Page - Texas Instruments AM62A7 Datasheet HTML 63Page - Texas Instruments AM62A7 Datasheet HTML 64Page - Texas Instruments AM62A7 Datasheet HTML 65Page - Texas Instruments AM62A7 Datasheet HTML 66Page - Texas Instruments AM62A7 Datasheet HTML 67Page - Texas Instruments AM62A7 Datasheet HTML 68Page - Texas Instruments AM62A7 Datasheet HTML 69Page - Texas Instruments AM62A7 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 238 page
background image
Table 6-47. OSPI0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
OSPI0_D5
IO
OSPI Data 5
H19
OSPI0_D6
IO
OSPI Data 6
J20
OSPI0_D7
IO
OSPI Data 7
J22
OSPI0_RESET_OUT0
O
OSPI Reset
G20
OSPI0_RESET_OUT1
O
OSPI Reset
K20
6.3.19 Power Supply
Table 6-48. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
CAP_VDDS0 (1)
CAP
External capacitor connection for IO group 0
G13
CAP_VDDS1 (1)
CAP
External capacitor connection for IO group 1
K16
CAP_VDDS2 (1)
CAP
External capacitor connection for IO group 2
T14
CAP_VDDS3 (1)
CAP
External capacitor connection for IO group 3
M16
CAP_VDDS4 (1)
CAP
External capacitor connection for IO group 4
R8
CAP_VDDS5 (1)
CAP
External capacitor connection for IO group 5
G15
CAP_VDDS6 (1)
CAP
External capacitor connection for IO group 6
J16
CAP_VDDS_CANUART (1)
CAP
External capacitor connection for IO CANUART
G8
CAP_VDDS_MCU (1)
CAP
External capacitor connection for IO MCU
G10
VDDA_1P8_USB
PWR
USB 1.8 V analog supply
T10
VDDA_1P8_CSIRX0
PWR
CSIRX analog supply high
T12
VDDA_3P3_USB
PWR
USB 3.3 V analog supply
U10
VDDA_CORE_CSIRX0
PWR
CSIRX analog supply low
T11
VDDA_CORE_USB
PWR
USB Core Supply
T9
VDDA_DDR_PLL0
PWR
DDR Deskew PLL analog supply
M9
VDDA_MCU
PWR
POR and MCU PLL analog supply
J10
VDDA_PLL0
PWR
MAIN PLL analog supply
N9
VDDA_PLL1
PWR
PER0 PLL and PER1 PLL analog supply
R11
VDDA_PLL2
PWR
VIDEO PLL analog supply
M13
VDDA_PLL3
PWR
C7x PLL and DSS PLL analog supply
K13
VDDA_PLL4
PWR
ARM0 PLL and SMS PLL analog supply
K10
VDDA_TEMP0
PWR
TEMP0 analog supply
P16
VDDA_TEMP1
PWR
TEMP1 analog supply
G18
VDDA_TEMP2
PWR
TEMP2 analog supply
L10
VDDR_CORE
PWR
Core Supply
J14, K12, M10,
M14, P12, P9
VDDSHV0
PWR
IO supply for IO group 0
G14, H13
VDDSHV1
PWR
IO supply for IO group 1
K15, L16
VDDSHV2
PWR
IO supply for IO group 2
R13, T13, U13
VDDSHV3
PWR
IO supply for IO group 3
L15, M15, N15
VDDSHV4
PWR
IO supply for IO group 4
T8, U8
VDDSHV5
PWR
IO supply for IO group 5
G16, H15
VDDSHV6
PWR
IO supply for IO group 6
H16, H17
VDDSHV_CANUART
PWR
IO supply for IO CANUART
H8
VDDSHV_MCU
PWR
IO supply for IO MCU
G11, H10
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
www.ti.com
66
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com