Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 3Page - Texas Instruments AM62A7 Datasheet HTML 4Page - Texas Instruments AM62A7 Datasheet HTML 5Page - Texas Instruments AM62A7 Datasheet HTML 6Page - Texas Instruments AM62A7 Datasheet HTML 7Page - Texas Instruments AM62A7 Datasheet HTML 8Page - Texas Instruments AM62A7 Datasheet HTML 9Page - Texas Instruments AM62A7 Datasheet HTML 10Page - Texas Instruments AM62A7 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 238 page
background image
4 Revision History
Changes from March 15, 2023 to August 4, 2023 (from Revision * (MARCH 2023) to Revision A
(AUGUST 2023))
Page
• Global: Changed the document product status from "Advance Information" to "Production Data"................... 1
• (Features): Included Multi-Media Card (MMC) in the first bullet describing MMC/SD features .........................1
• (Features): Added Serial NAND Flash to the list of Boot Options...................................................................... 1
• (Package Information): Updated the table to match the new content standard and added automotive "-Q1"
devices................................................................................................................................................................4
• (Functional Block Diagram): Removed "DDR4" from the "DDR4/LPDDR4 with inline EEC (32b)" block under
the System Memory area................................................................................................................................... 5
• (Functional Block Diagram): Added the Software Build Sheet note................................................................... 5
• (Device Comparison): Added the Processor-SDK-AM62Ax URL to the Software Build Sheet note.................. 9
• (Device Comparison): Corrected the name of the JTAG User ID register and added the register bit values by
device "Features" code.......................................................................................................................................9
• (Device Comparison): Changed "TBD" to "Yes" for Full CAN-FD Support......................................................... 9
• (Device Comparison): Changed General-Purpose Memory Controller (GPMC) address range from 1GB to
128MB................................................................................................................................................................ 9
• (Related Products): Additional content was added to the Related Products section........................................10
• (MMC0 Signal Descriptions): Removed the note associated with MMC0_CLK............................................... 64
• (MMC1 Signal Descriptions): Removed the note associated with MMC1_CLK............................................... 65
• (MMC2 Signal Descriptions): Changed the note associated with MMC2_CLK................................................ 65
• (Pin Connectivity Requirements): Updated the requirement for VMON_3P3_SOC to include another
connectivity option............................................................................................................................................ 73
• (Pin Connectivity Requirements): Updated the second paragraph of the note following the Connectivity
Requirements table. The update clarifies the operation of configurable device IOs and includes precautions
that must be taken to prevent floating signals from damaging device input buffers......................................... 73
• (Power-On Hours): Removed commercial temperature range since it doesn't apply....................................... 79
• (Recommended Operating Conditions): Updated the notes associated with VDD_CANUART and
VDDSHV_CANUART to clarify the requirements for these power rails............................................................80
• (Power Consumption Summary): Added new section that references Power Estimation Tool application
note...................................................................................................................................................................83
• (DDR Electrical Characteristics): Added a reference to the JEDEC standard..................................................88
• (Power-Up Sequencing): Added Power-Up Sequencing – Supply / Signal Assignments table with waveform
references and notes. Added a new waveform for VDD_CANUART to show its sequence requirements
relative to VDD_CORE when powered from a separate always on power source........................................... 94
• (Power-Down Sequencing): Added Power-Down Sequencing – Supply / Signal Assignments table with
waveform references and notes. Added a new waveform for VDD_CANUART to show its sequence
requirements relative to VDD_CORE when powered from a separate always on power source..................... 97
• (Partial IO Power Sequencing): Changed the section title to "Partial IO Power Sequencing" and included a
description of sequencing requirements for entry into and exit from Partial IO low power mode..................... 99
• (Reset Timing Conditions): Changed the Input slew rate minimum values for VDD = 1.8V and VDD = 3.3V
(original values were swapped)...................................................................................................................... 100
• (MCU_RESETSTATz, and RESETSTATz Switching Characteristics): Changed the minimum value of
parameter RST13 from "0" to "960"................................................................................................................100
• (MCU_OSC0 Switching Characteristics - Crystal Mode): Defined values for all previously undefined TBD
values............................................................................................................................................................. 109
• (LFXOSC Modes of Operation): Changed the value of PD_C for BYPASS mode from "X" to "0"..................113
• (CPSW3G MDIO Timing): Changed the minimum setup time value (parameter MDIO1) from "90" to "45". Also
changed the minimum and maximum output delay time values (parameter MDIO7) from "-150" and "150" to
"-10" and "10" respectively..............................................................................................................................118
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com