Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 69 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 65Page - Texas Instruments AM62A7 Datasheet HTML 66Page - Texas Instruments AM62A7 Datasheet HTML 67Page - Texas Instruments AM62A7 Datasheet HTML 68Page - Texas Instruments AM62A7 Datasheet HTML 69Page - Texas Instruments AM62A7 Datasheet HTML 70Page - Texas Instruments AM62A7 Datasheet HTML 71Page - Texas Instruments AM62A7 Datasheet HTML 72Page - Texas Instruments AM62A7 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 238 page
background image
Table 6-53. System Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
CLKOUT0
O
RMII Clock Output (50 MHz). This pin is used for clock
source to the external RMII PHY and must also be
routed back to the respective RMII[x]_REF_CLK pin
for proper device operation.
AA17, B16, W17
EXTINTn
I
External Interrupt
F17
EXT_REFCLK1
I
External clock input to Main Domain
B16
OBSCLK0
O
Main Domain Observation clock output for test and
debug purposes only
R20
OBSCLK1
O
Main Domain Observation clock output for test and
debug purposes only
D17
PORz_OUT
O
Main Domain POR status output
F18
RESETSTATz
O
Main Domain warm reset status output
F19
RESET_REQz
I
Main Domain external warm reset request input
E19
SYSCLKOUT0
O
Main Domain system clock output (divided by 4) for
test and debug purposes only
B16
6.3.21.3.2 MCU Domain
Table 6-54. MCU System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MCU_ERRORn
IO
Error signal output from MCU Domain ESM
B8
MCU_EXT_REFCLK0
I
External input to MCU Domain
C11, D7
MCU_OBSCLK0
O
MCU Domain Observation clock output for test and
debug purposes only
C11
MCU_PORz
I
MCU and Main Domain cold reset
A7
MCU_RESETSTATz
O
MCU Domain warm reset status output
D14
MCU_RESETz
I
MCU and Main Domain warm reset
C12
MCU_SYSCLKOUT0
O
MCU Domain system clock output (divided by 4) for
test and debug purposes only
C11
6.3.21.3.3 WKUP Domain
Table 6-55. WKUP System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
PMIC_LPM_EN0
O
Dual-function PMIC control output, Low Power Mode
(active low) or PMIC Enable (active high)
D12
WKUP_CLKOUT0
O
WKUP Domain CLKOUT0 output
B10
6.3.21.4 VMON
Table 6-56. VMON Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
VMON_1P8_SOC
A
Voltage monitor input for 1.8 V SoC power supply
F12
VMON_3P3_SOC
A
Voltage monitor input for 3.3 V SoC power supply
F9
VMON_VSYS
A
Voltage monitor input, fixed 0.45 V (+/-3%) threshold.
Use with external precision voltage divider to monitor a
higher voltage rail such as the PMIC input supply.
H12
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com