Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 5 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 5 Page - Texas Instruments

  AM62A7 Datasheet HTML 1Page - Texas Instruments AM62A7 Datasheet HTML 2Page - Texas Instruments AM62A7 Datasheet HTML 3Page - Texas Instruments AM62A7 Datasheet HTML 4Page - Texas Instruments AM62A7 Datasheet HTML 5Page - Texas Instruments AM62A7 Datasheet HTML 6Page - Texas Instruments AM62A7 Datasheet HTML 7Page - Texas Instruments AM62A7 Datasheet HTML 8Page - Texas Instruments AM62A7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 238 page
background image
3.1 Functional Block Diagram
Figure 3-1 is functional block diagram for the device.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
search for the AM62Ax Software Build Sheet located in the Downloads tab option provided at
Processor-SDK-AM62Ax.
Security
512KB Shared L2 with ECC
2x Arm®
Cortex -A53
®
Arm
®
®
Cortex -A53
Arm
®
®
Cortex -A53
TRNG
MD5
SHA
AES
PKA
DRBG
HSM
(Secure Boot)
3x eCAP
3x ePWM
3x SPI
8x UART
OSPI
CAN-FD
2x USB 2.0
2-port Gb Ethernet w/ 1588
General Connectivity and IO
MCU Channel
with FFI
SMS
System Services
IPC
DMA
Device/Power
Manager
Debug
System
Monitor
Firewall
Secure
Boot
DCC
ECC
ESM
Timers
3x eQEP
5x I2C
GPIO
Multimedia
3x McASP
CSI2 -Rx 4L
H.264/H.265
Video Codec
RGB-IR VPAC
2x SPI
UART
2x CAN-FD
I2C
General Connectivity
(MCUSS)
GPIO
432KB SRAM with ECC
A 62Ax
M
Application Cores
2x Arm®
Cortex -A53
®
Arm
®
®
Cortex -A53
Arm
®
®
Cortex -A53
System Memory
GPMC
3x MMCSD
LPDDR4
with inline ECC
(32b)
64KB SRAM
with ECC
(Shared)
Arm
®
®
Cortex -R5F
64KB TCM
with ECC
512KB SRAM
with ECC
Safety DTK
JPEG Encode
Device Management
Arm
®
®
Cortex -R5F
64KB TCM
with ECC
Deep Learning Accelerator (2 TOPS)
C7x256v and MMA
1.25MB Dedicated L2 SRAM
with ECC
1x Display
with DPI
Figure 3-1. Functional Block Diagram
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com