Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 67 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 63Page - Texas Instruments AM62A7 Datasheet HTML 64Page - Texas Instruments AM62A7 Datasheet HTML 65Page - Texas Instruments AM62A7 Datasheet HTML 66Page - Texas Instruments AM62A7 Datasheet HTML 67Page - Texas Instruments AM62A7 Datasheet HTML 68Page - Texas Instruments AM62A7 Datasheet HTML 69Page - Texas Instruments AM62A7 Datasheet HTML 70Page - Texas Instruments AM62A7 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 238 page
background image
Table 6-48. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
VDDS_DDR
PWR
DDR PHY IO supply
A2, AA1, AB2,
B1, J7, K8, L7,
M8, N7, P8
VDDS_DDR_C
PWR
DDR clock IO supply
L8
VDDS_OSC0
PWR
MCU_OSC0 supply
J8
VDD_CANUART
PWR
CANUART Core Supply
H9
VDD_CORE
PWR
Core supply
J11, J13, J15, J9,
K14, L11, L13,
L9, M12, N11,
N13, P10, P14,
R15, R9, T16,
U15
VPP
PWR
eFuse ROM programming supply
F7
VSS
PWR
Ground
A1, A10, A13,
A18, A22, A4,
A6, AA11, AA14,
AA2, AA4, AA8,
AB1, AB12,
AB15, AB18,
AB22, AB3, AB5,
AB9, B3, B5, B7,
C4, D11, D2,
D20, D4, E1, E3,
E5, F11, F13,
F16, F2, F4,
G12, G17, G3,
G5, G9, H1, H11,
H14, H20, H4,
J12, J17, J3, K1,
K11, K4, K7, K9,
L12, L14, L20,
L3, M11, M17,
M4, M7, N1,
N10, N12, N14,
N16, N8, P11,
P13, P15, P17,
P20, P7, R10,
R12, R14, R16,
R2, R4, R6, T1,
T15, T17, T3, T5,
T7, U12, U14,
U16, U2, U4, U6,
U9, V1, V20, V3,
V5, V7, V9, W11,
W14, W2, W4,
W6, W8, Y12,
Y15, Y3, Y5, Y9
(1)
This pin must always be connected via a 1-μF capacitor to VSS.
6.3.20 Reserved
Table 6-49. Reserved Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
RSVD0
N/A
Reserved, must be left unconnected
C6
RSVD1
N/A
Reserved, must be left unconnected
D6
RSVD2
N/A
Reserved, must be left unconnected
E7
RSVD3
N/A
Reserved, must be left unconnected
F6
RSVD4
N/A
Reserved, must be left unconnected
F10
RSVD5
N/A
Reserved, must be left unconnected
G7
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com