Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 227 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 227 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 223Page - Texas Instruments AM62A7 Datasheet HTML 224Page - Texas Instruments AM62A7 Datasheet HTML 225Page - Texas Instruments AM62A7 Datasheet HTML 226Page - Texas Instruments AM62A7 Datasheet HTML 227Page - Texas Instruments AM62A7 Datasheet HTML 228Page - Texas Instruments AM62A7 Datasheet HTML 229Page - Texas Instruments AM62A7 Datasheet HTML 230Page - Texas Instruments AM62A7 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 238 page
background image
10.1.2 Device Naming Convention
Table 10-1. Nomenclature Description
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a
Device evolution stage
X(1)
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK(2)
Production
BBBBBBB
Base production part
number
AM62A74
see Device Comparison
AM62A72
AM62A34
AM62A32
AM62A31
r
Device revision
A
SR1.0
Z
Device Speed Grade
M
See Device Speed Grades
N
O
P
Q
R
S
T
U
V
f
Features
(see Device
Comparison)
G
Base
L
Features supported by G, plus Multimedia JPEG Encoder
M
Features supported by L, plus Display Subsystem
Y
Security / Functional
Safety
1 to 9
Secure with Dummy Key / No Functional Safety
H to R
Secure with Production Key / No Functional Safety
S to Z
Secure with Production Key / Functional Safety
t
Temperature(3)
A
–40°C to 105°C - Extended Industrial (see Recommended Operation
Conditions)
I
–40°C to 125°C - Automotive (see Recommended Operation Conditions)
PPP
Package Designator
AMB
FCBGA (484-pin)
Q1
Automotive Designator
Q1
Auto Qualified (AEC - Q100)
BLANK
Standard
xxxxxxx
Lot Trace Code (LTC)
YYY
Production Code, For TI use only
ZZZ
Production Code, For TI use only
O
Pin one designator
G1
ECAT - Green package designator
(1)
Device symbolization was changed after prototype devices began to ship. The prototype devices were symbolized
XAM62A74ATMGHIAMB, which does not match the naming convention defined by this table. The prototype device symbolization
corresponds to device XAM62A74AUMHIAMB.
(2)
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
(3)
Applies to device max junction temperature.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
227
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com