Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 235 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 235 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 230Page - Texas Instruments AM62A7 Datasheet HTML 231Page - Texas Instruments AM62A7 Datasheet HTML 232Page - Texas Instruments AM62A7 Datasheet HTML 233Page - Texas Instruments AM62A7 Datasheet HTML 234Page - Texas Instruments AM62A7 Datasheet HTML 235Page - Texas Instruments AM62A7 Datasheet HTML 236Page - Texas Instruments AM62A7 Datasheet HTML 237Page - Texas Instruments AM62A7 Datasheet HTML 238Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 235 / 238 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.556
2.328
0.5
0.3
TYP
16.8
TYP
16.8 TYP
0.8 TYP
0.8 TYP
484X
0.55
0.45
NOTE 3
PIN 1 ID
(OPTIONAL)
2.144
1.940
B
18.1
17.9
A
18.1
17.9
(0.6) TYP
(0.6) TYP
(
13.6)
(
11.6)
(
17.6)
FCBGA - 2.556 mm max height
AMB0484A
BALL GRID ARRAY
4228703/A 04/2022
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Ball diameter after reflow. Dimension is measured at the maximum solder ball diameter parallel to primary datum C.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
BALL A1 CORNER
0.1 C
SEATING PLANE
0.2 C
0.2 C
1 2 3
0.25
C A B
0.1
C
SYMM
SYMM
4 5 6 7 8 9 10
11
12
13
14
15
16
17
18
19
20
21
22
SCALE 0.900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com