Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 29Page - PMC-Sierra, Inc PM5313 Datasheet HTML 30Page - PMC-Sierra, Inc PM5313 Datasheet HTML 31Page - PMC-Sierra, Inc PM5313 Datasheet HTML 32Page - PMC-Sierra, Inc PM5313 Datasheet HTML 33Page - PMC-Sierra, Inc PM5313 Datasheet HTML 34Page - PMC-Sierra, Inc PM5313 Datasheet HTML 35Page - PMC-Sierra, Inc PM5313 Datasheet HTML 36Page - PMC-Sierra, Inc PM5313 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
1
1
FEATURES
1.1
General
• Monolithic SONET/SDH PAYLOAD EXTRACTOR/ALIGNER for use in
STS-12 (STM-4/AU3 or STM-4/AU4) or STS-12c (STM-4-4c) interface
applications, operating at serial interface speeds of up to 622.08 Mbit/s.
• Provides integrated clock and data recovery and clock synthesis for direct
connection to optical modules.
• Supports a duplex byte-serial 77.76 Mbyte/s STS-12 (STM-4/AU3 or
STM-4/AU4) or STS-12c (STM-4-4c) line side interface for use in applications
where by-passing clock recovery, clock synthesis, and serializer-deserializer
functionality is desired.
• Supports clock recovery bypass for use in applications where external clock
recovery is desired.
• Complies with Bellcore GR-253-CORE jitter tolerance (1995 issue), jitter
transfer and intrinsic jitter criteria.
• Provides control circuitry to comply with Bellcore GR-253-CORE WAN
clocking requirements related to wander transfer, holdover and long term
stability when using an external VCXO.
• Provides termination for SONET Section and Line, SDH Regenerator Section
and Multiplexer Section transport overhead, and path overhead of twelve
STS-1 (STM-0/AU3) paths, four STS-3/3c (STM-1/AU3/AU4) paths or a single
STS-12c (STM-4-4c) path.
• De-multiplexes an STM-4 receive stream to four STM-1 Telecom DROP bus
streams.
• Multiplexes four STM-1 Telecom ADD bus streams to an STM-4 transmit
stream.
• Maps twelve STS-1 (STM-0/AU3) payloads, four STS-3/3c (STM-1/AU3/AU4)
payloads or a single STS-12c (STM-4-4c) payload to system timing reference,
accommodating plesiochronous timing offsets between the references
through pointer processing.
• Maps twelve DS3 bit streams into an STS-12 (STM-4/AU3) frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com