Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 81Page - PMC-Sierra, Inc PM5313 Datasheet HTML 82Page - PMC-Sierra, Inc PM5313 Datasheet HTML 83Page - PMC-Sierra, Inc PM5313 Datasheet HTML 84Page - PMC-Sierra, Inc PM5313 Datasheet HTML 85Page - PMC-Sierra, Inc PM5313 Datasheet HTML 86Page - PMC-Sierra, Inc PM5313 Datasheet HTML 87Page - PMC-Sierra, Inc PM5313 Datasheet HTML 88Page - PMC-Sierra, Inc PM5313 Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
53
Pin Name
Type
Pin
No.
Function
TOHCLK
Tristate
Output
A25
The transmit overhead clock (TOHCLK) is used to
clock in the transmit overhead (TOH). A smooth or
gapped version of this clock may be selected.
When selecting the smooth clock and clocking the
section orderwire (E1), user channel (F1) or line
order wire (E2), TOHCLK is a 64 kHz clock with
nominal 50% duty cycle. When selecting to clock
the line APS bytes (K1/K2), TOHCLK is a 128 kHz
clock with nominal 50% duty cycle.
When selecting the gapped clock and clocking the
section orderwire (E1), user channel (F1) or line
order wire (E2), TOHCLK is a 64 kHz clock
generated by gapping a 72 kHz clock. When
selecting to clock the line APS bytes (K1/K2),
TOHCLK is a 128 kHz clock generated by gapping
a 144 kHz clock.
In all cases, TOH is sampled on the rising edge of
TOHCLK. In gapped clock mode, a gap detector on
TOHCLK is needed to identify the MSB on TOH. An
edge detection on TFP may also be used. In
smooth clock mode, TTOHFP may be used to
identify the rising edge when the MSB should be
present on TOH.
The TTOC Overhead Control register contains the
TOHSEL[1:0] register bits used to select the section
orderwire, section user channel, line orderwire or
line APS bytes. The same register also contains the
TX_GAPSEL register bit used to select the smooth
or gapped TOHCLK output clock and the TOH_TS
register bit that can be used to tri-state the
TOHCLK output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com