Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 79Page - PMC-Sierra, Inc PM5313 Datasheet HTML 80Page - PMC-Sierra, Inc PM5313 Datasheet HTML 81Page - PMC-Sierra, Inc PM5313 Datasheet HTML 82Page - PMC-Sierra, Inc PM5313 Datasheet HTML 83Page - PMC-Sierra, Inc PM5313 Datasheet HTML 84Page - PMC-Sierra, Inc PM5313 Datasheet HTML 85Page - PMC-Sierra, Inc PM5313 Datasheet HTML 86Page - PMC-Sierra, Inc PM5313 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
51
Pin Name
Type
Pin
No.
Function
TLD
Input
C23
The transmit line DCC (TLD) bit serial input signal
contains the line data communication channel (D4-
D12) to be transmitted.
TLD is sampled on the rising edge of TLDCLK. The
TTOH and TTOHEN inputs take precedence over
TLD.
The TTOC Overhead Control register contains the
TX_GAPSEL register bit used to select the smooth
or gapped TLDCLK output clock and the TLD_TS
register bit that can be used to tri-state the TLDCLK
output.
TOWCLK
Output
A24
The transmit order wire clock (TOWCLK) is used to
clock in transmit section orderwire, user channel
and line orderwire. (TSOW, TSUC and TLOW). A
smooth or gapped version of this clock may be
selected.
When selecting the smooth clock, TOWCLK is a 64
kHz clock with nominal 50% duty cycle.
When selecting the gapped clock, TOWCLK is a 64
kHz clock generated by gapping a 72 kHz clock.
In all cases, TSOW, TSUC and TLOW are sampled
on the rising edge of TOWCLK. In gapped clock
mode, a gap detector on TOWCLK is needed to
identify the MSB on TSOW, TSUC and TLOW. An
edge detection on TFP may also be used. In
smooth clock mode, TTOHFP may be used to
identify the rising edge when the MSB should be
present on TSOW, TSUC and TLOW.
The TTOC Overhead Control register contains the
TX_GAPSEL register bit used to select the smooth
or gapped TOWCLK output clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com