Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 37Page - PMC-Sierra, Inc PM5313 Datasheet HTML 38Page - PMC-Sierra, Inc PM5313 Datasheet HTML 39Page - PMC-Sierra, Inc PM5313 Datasheet HTML 40Page - PMC-Sierra, Inc PM5313 Datasheet HTML 41Page - PMC-Sierra, Inc PM5313 Datasheet HTML 42Page - PMC-Sierra, Inc PM5313 Datasheet HTML 43Page - PMC-Sierra, Inc PM5313 Datasheet HTML 44Page - PMC-Sierra, Inc PM5313 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
9
5
APPLICATION EXAMPLES
The SPECTRA-622 can be used in SONET/SDH network elements including
switches, terminal multiplexers, and add-drop multiplexers. In such applications,
the SPECTRA-622 line interface typically interfaces directly to electrical optical
modules. On the system side interface, the SPECTRA-622 connects directly to a
Telecombus. Figure 1 shows how the SPECTRA-622 is used to implement a 622
Mbit/s aggregate interface. In this application, the SPECTRA-622 performs
SONET/SDH section, line and path termination and the PM5362 TUPP-PLUS
performs tributary pointer processing and performance monitoring.
Figure 1
-STS-12 (STM-4/AU-3), STS-12 (STM-4/AU-4) or STS-12c (STM-
4-4c) Application with 19.44 MHz Byte Telecombus Interface
Optical
Transceiver
PM5313
SPECTRA-622
RXD+/-
SD
TXD+/-
PM5362
TUPP-PLUS
AC1J1V1[4:1]
APL[4:1]
DPL[4]
ACK
AD[31:0], ADP[4:1]
DD[31:24], DDP[4]
DC1J1V1[4]
DCK
ID[7:0], IDP
IC1J1
IPL
TPOH
OD[7:0], ODP
OTV5
OTPL
SCLK
PM5362
TUPP-PLUS
DPL[3]
DD[23:16], DDP[3]
DC1J1V1[3]
DCK
ID[7:0], IDP
IC1J1
IPL
TPOH
OD[7:0], ODP
OTV5
OTPL
SCLK
PM5362
TUPP-PLUS
DPL[2]
DD[15:8], DDP[2]
DC1J1V1[2]
DCK
ID[7:0], IDP
IC1J1
IPL
TPOH
OD[7:0], ODP
OTV5
OTPL
SCLK
PM5362
TUPP-PLUS
DPL[1]
DD[7:0], DDP[1]
DC1J1V1[1]
DCK
ID[7:0], IDP
IC1J1
IPL
TPOH
OD[7:0], ODP
OTV5
OTPL
SCLK
Four
19.44 MHz
8-bit
IEEE P1396
Telecombus
Interfaces
Drop
Add
622 Mbit/s
Optical
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com