Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 91Page - PMC-Sierra, Inc PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc PM5313 Datasheet HTML 96Page - PMC-Sierra, Inc PM5313 Datasheet HTML 97Page - PMC-Sierra, Inc PM5313 Datasheet HTML 98Page - PMC-Sierra, Inc PM5313 Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
63
10.8 Transmit Path Overhead Signals
Pin Name
Pin
Type
PIN
No.
Function
TPOHCLK
Output
B13
The transmit path overhead clock (TPOHCLK)
provides timing for the path overhead stream.
TPOHCLK is a nominally 12.96 MHz, 50% duty
cycle clock.
TPOH and TPOHEN are sampled on the rising
edge of the TPOHCLK.
TPOHFP is updated on falling edge of TPOHCLK.
TPOHRDY is updated on rising edge of TPOHCLK.
TPOHFP
Output
E14
The path overhead frame position signal
(TPOHFP) may be used to locate the individual
path overhead bits in the overhead data stream,
TPOH. TPOHFP is set high when bit 1 (the most
significant bit) of the Path Trace byte (J1) of the
first STS-1 (STM-0/AU3), STS-3c (STM-1/AU3) or
STS-12c (STM-4-4c) shall be present in the TPOH
stream.
TPOHFP is updated on the falling edge of the
TPOHCLK.
TPOH
Input
C14
The transmit path overhead data signal (TPOH)
contains the path overhead bytes (J1, C2, G1, F2,
Z3, Z4, and Z5) and error mask for the B3 and H4
bytes. The overhead bytes may be inserted into the
path overhead byte positions in the twelve STS-1
(STM-0/AU3) streams or the four STS-3/3c (STM-
1/AU3/AU4) streams or the single STS-12c (STM-
4-4c) stream. The error masks may be used to
insert path BIP and multiframe sequence bit errors
into the outgoing streams.
A path overhead byte is accepted for transmission
when the external source indicates a valid byte
(TPOHEN set high) and the SPECTRA-622
indicates ready (TPOHRDY set high). The
SPECTRA-622 will ignore the byte on TPOH when
TPOHEN is set low. The TPOHRDY is set low to
indicate SPECTRA-622 is not ready, and the byte
must be re-presented at the next opportunity.
TPOH is sampled on the rising edge of the
TPOHCLK output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com