Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 90 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 86Page - PMC-Sierra, Inc PM5313 Datasheet HTML 87Page - PMC-Sierra, Inc PM5313 Datasheet HTML 88Page - PMC-Sierra, Inc PM5313 Datasheet HTML 89Page - PMC-Sierra, Inc PM5313 Datasheet HTML 90Page - PMC-Sierra, Inc PM5313 Datasheet HTML 91Page - PMC-Sierra, Inc PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
58
Pin Name
Pin
Type
PIN
No.
Function
RPOHFP
Output
D15
The receive path overhead frame position signal
(RPOHFP) may be used to locate the individual
path overhead bits of an STS-1 (STM-0/AU3),
STS-3c (STM-1/AU4) or STS-12c (STM-4-4c) in
the path overhead data stream on RPOH.
RPOHFP signal is logic 1 when bit 1 (the most
significant bit) of the path trace byte (J1) of the first
STS-1 (STM-0/AU3), STS-3c (STM-1/AU4) or
STS-12c (STM-4-4c) is present in the RPOH
stream.
RPOHFP may be used to locate the BIP error
count and path RDI indication bits on the receive
alarm port data signal (RAD). RPOHFP is logic 1
when the first of eight BIP error positions from the
first STS-1 (STM-0/AU3), STS-3c (STM-1/AU4) or
STS-12c (STM-4-4c) stream is present on the
receive alarm data signal (RAD).
RPOHFP signal is updated on the falling edge of
the RPOHCLK signal.
RPOH
Output
B15
The receive path overhead data signal (RPOH)
contains the path overhead bytes (J1, B3, C2, G1,
F2, H4, Z3, Z4, and Z5) extracted from the path
overhead of the twelve STS-1 (STM-0/AU3)
streams or the four STS-3/3c (STM-1/AU3/AU4)
streams or the single STS-12c (STM-4-4c) stream.
The corresponding RPOHEN signal is set high to
identify the valid overhead bytes that are
presented.
RPOH is updated on the falling edge of
RPOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com