Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 63Page - PMC-Sierra, Inc PM5313 Datasheet HTML 64Page - PMC-Sierra, Inc PM5313 Datasheet HTML 65Page - PMC-Sierra, Inc PM5313 Datasheet HTML 66Page - PMC-Sierra, Inc PM5313 Datasheet HTML 67Page - PMC-Sierra, Inc PM5313 Datasheet HTML 68Page - PMC-Sierra, Inc PM5313 Datasheet HTML 69Page - PMC-Sierra, Inc PM5313 Datasheet HTML 70Page - PMC-Sierra, Inc PM5313 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
35
10.4
Section/Line Status and Alarms Signals
Pin Name
Type
Pin
No.
Function
RFPO
Tristate
Output
C22
The receive frame pulse (RFPO) is an 8 kHz signal
derived from the receive clock RCLK when the
framing alignment has been found and the
SPECTRA-622 is in frame (the OOF output and
register bit are logic 0). RFPO pulses high for one
RCLK cycle every 9720 RCLK cycles (STS-12 /
STM-4).
RFPO can be tristated using the ROH_TS bit in the
RTOC Receive Overhead Control register.
RFPO is updated on the rising edge of RCLK.
TFP
Tristate
Output
E26
The transmit frame pulse (TFP) is an 8 kHz signal
derived from the transmit clock TCLK when the
transmit interface is in frame alignment. TFP pulses
high for one TCLK cycle every 9720 TCLK cycles
(STS-12/STM-4).
TFP can be tristated using the TOH_TS bit in the
TTOC Transmit Overhead Output Control register.
TFP is updated on the rising edge of TCLK.
SALM
Output
E18
The section alarm (SALM) output is set high when
an out of frame (OOF), loss of signal (LOS), loss of
frame (LOF), line alarm indication signal (LAIS), line
remote defect indication (LRDI), section trace
identifier mismatch (RS-TIM), section trace
identifier unstable (RS-TIU), signal fail (SF) or
signal degrade (SD) alarm is detected. Each alarm
indication can be independently enabled using bits
in the SPECTRA-622 Section Alarm Output Control
#1 and #2 registers. SALM is set low when none of
the enabled alarms are active.
SALM is updated on the rising edge of RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com