Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 87Page - PMC-Sierra, Inc PM5313 Datasheet HTML 88Page - PMC-Sierra, Inc PM5313 Datasheet HTML 89Page - PMC-Sierra, Inc PM5313 Datasheet HTML 90Page - PMC-Sierra, Inc PM5313 Datasheet HTML 91Page - PMC-Sierra, Inc PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
59
Pin Name
Pin
Type
PIN
No.
Function
RPOHEN
Output
C15
The receive path overhead enable signal
(RPOHEN) indicates the validity of the path
overhead bytes extracted to the RPOH from the
path overhead of the twelve STS-1 (STM-0/AU3)
streams or the four STS-3/3c (STM-1/AU3/AU4)
streams or the single STS-12c (STM-4-4c) stream.
When RPOHEN signal is set high, the
corresponding path overhead byte presented on
the RPOH is valid. When RPOHEN is set low, the
corresponding path overhead byte presented on
the RPOH is invalid.
RPOHEN is updated on the falling edge of
RPOHCLK.
B3E
Output
A14
The bit interleaved parity error signal (B3E) carries
the path BIP-8 error detected for each STS-1
(STM-0/AU3), STS-3c (STM-1/AU4) and STS-12c
(STM-4-4c) in the receive stream. It is set high for
one RPOHCLK period for each path BIP-8 error
detected (up to eight per frame) or when errors are
treated on a block basis, is set high for only one
RPOHCLK period if any of the path BIP-8 bits are
in error. Path BIP-8 errors are detected by
comparing the extracted path BIP-8 byte (B3) with
the computed BIP-8 for the previous frame.
B3E is updated on the falling edge of RPOHCLK.
RALM
Output
A19
The Receive Alarm (RALM) signal is a multiplexed
output of individual alarms of the receive STS-1
(STM-0/AU3), STS-3c (STM-1/AU4) and STS-12c
(STM-4-4c) streams. Each alarm represents the
logical OR of the LOS/LOF/LAIS, LOP, PAIS,
PRDI, PERDI, LOM, LOPCON, PAISCON, UNEQ,
PSLU, PSLM, TIU-P, TIM-P status of the
corresponding stream. The selection of alarms to
be reported is controlled by the SPECTRA-622
RPPS RALM Output Control #1 and #2 registers.
RALM is updated on the falling edge of RPOHCLK.
• The LOS/LOF/LAIS signal indicates the loss of
signal (LOS), loss of frame (LOF) or line AIS
(LAIS) in the STS-12 (STM-4) SONET/SDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com