Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 68Page - PMC-Sierra, Inc PM5313 Datasheet HTML 69Page - PMC-Sierra, Inc PM5313 Datasheet HTML 70Page - PMC-Sierra, Inc PM5313 Datasheet HTML 71Page - PMC-Sierra, Inc PM5313 Datasheet HTML 72Page - PMC-Sierra, Inc PM5313 Datasheet HTML 73Page - PMC-Sierra, Inc PM5313 Datasheet HTML 74Page - PMC-Sierra, Inc PM5313 Datasheet HTML 75Page - PMC-Sierra, Inc PM5313 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
40
Pin Name
Type
Pin
No.
Function
TLRDI/
Input
C17
The active high transmit line remote defect
indication (TLRDI) signal controls the insertion of a
remote defect indication in the transmit outgoing
stream when the ring control port is disabled. When
TLRDI is set high, bits 6, 7, and 8 of the K2 byte are
set to the pattern 110. When TLRDI is set low, line
RDI may also be inserted using the LRDI bit in the
TLOP Control register, or upon detection of loss of
signal, loss of frame, or line AIS in the receive
stream, using the bits in the SPECTRA-622 Line
RDI Control register. The TLRDI input takes
precedence over the TTOH and TTOHEN inputs.
TLRDI is sampled on the rising edge of TCLK.
TRCPFP
The transmit ring control port frame position
(TRCPFP) signal identifies bit positions in the
transmit ring control port data (TRCPDAT) when the
ring control port is enabled. TRCPFP is high during
the filtered K1, K2 bit positions, the change of APS
value bit position, the protection switch byte failure
bit position, the send line AIS and the send line RDI
bit positions in the TRCPDAT stream. TRCPFP can
be connected directly to the RRCPFP output of a
mate SPECTRA-622 in ring-based add-drop
multiplexer applications.
TRCPFP is sampled on the rising edge of
TRCPCLK.
The enabling and disabling of the ring control port is
controlled by the RCPEN bit in the SPECTRA-622
Ring Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com