Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 59Page - PMC-Sierra, Inc PM5313 Datasheet HTML 60Page - PMC-Sierra, Inc PM5313 Datasheet HTML 61Page - PMC-Sierra, Inc PM5313 Datasheet HTML 62Page - PMC-Sierra, Inc PM5313 Datasheet HTML 63Page - PMC-Sierra, Inc PM5313 Datasheet HTML 64Page - PMC-Sierra, Inc PM5313 Datasheet HTML 65Page - PMC-Sierra, Inc PM5313 Datasheet HTML 66Page - PMC-Sierra, Inc PM5313 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
31
10.3
Receive and Transmit Clocks
Pin Name
Type
Pin
No.
Function
RCLK
Output
B22
The receive clock (RCLK) output provides a timing
reference for the SPECTRA-622 receive line
interface outputs.
RCLK is a nominally 77.76 MHz, 50% duty cycle
clock. When clock recovery is enabled, RCLK is a
divide by eight version of the recovered clock.
When clock recovery is bypassed, RCLK is a divide
by eight version of the recovered RRCLK+/- inputs.
In parallel interface mode, PGMRCLK is a buffered
version of the PICLK input.
The RCLK output can be disabled and held low by
programming the RCLKEN bit in the SPECTRA-622
Clock Control register.
RFPO, SALM, LOF, LOS, OOF, LRDI and LAIS are
updated on the rising edge of RCLK.
RLAIS is sampled on the rising edge of RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com