Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 88Page - PMC-Sierra, Inc PM5313 Datasheet HTML 89Page - PMC-Sierra, Inc PM5313 Datasheet HTML 90Page - PMC-Sierra, Inc PM5313 Datasheet HTML 91Page - PMC-Sierra, Inc PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc PM5313 Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
60
Pin Name
Pin
Type
PIN
No.
Function
stream.
• The loss of pointer signal (LOP) indicates the
loss of pointer state in the corresponding STS-1
(STM-0/AU3), STS-3c (STM-1/AU4) or STS-
12c (STM-4-4c) SONET/SDH stream. LOP is
set high when invalid pointers are received in
eight consecutive frames, or if eight
consecutive enabled NDFs are detected in the
stream.
• The path alarm indication signal (PAIS)
indicates the path AIS state of the
corresponding STS-1 (STM-0/AU3) ), STS-3c
(STM-1/AU4) or STS-12c (STM-4-4c)
SONET/SDH stream. PAIS is set high when an
all ones pattern is observed in the pointer bytes
(H1 and H2) for three consecutive frames in the
stream.
• The path remote defect indication signal (PRDI)
indicates the path remote state of the
corresponding STS-1 (STM-0/AU3), STS-3c
(STM-1/AU4) or STS-12c (STM-4-4c)
SONET/SDH stream. PRDI is set high when
the path RDI alarm bit (bit 5) of the path status
(G1) byte is set high for five or ten consecutive
frames. The RDI10 bit in the RPOP Pointer
MSB register controls whether five or ten
consecutive frames will cause a PRDI
indication.
• The path enhanced remote defect indication
signal (PERDI) indicates the path enhanced
remote state of the corresponding STS-1 (STM-
0/AU3), STS-3c (STM-1/AU4) or STS-12c
(STM-4-4c) SONET/SDH stream. PERDI is set
high when the path ERDI alarm code (bits
5,6,7) of the path status (G1) byte is set to the
same alarm codepoint for five or ten
consecutive frames. The RDI10 bit in the RPOP
Pointer MSB register controls whether five or
ten consecutive frames will cause a PRDI
indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com