Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5313 Datasheet(PDF) 68 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 68 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 64Page - PMC-Sierra, Inc PM5313 Datasheet HTML 65Page - PMC-Sierra, Inc PM5313 Datasheet HTML 66Page - PMC-Sierra, Inc PM5313 Datasheet HTML 67Page - PMC-Sierra, Inc PM5313 Datasheet HTML 68Page - PMC-Sierra, Inc PM5313 Datasheet HTML 69Page - PMC-Sierra, Inc PM5313 Datasheet HTML 70Page - PMC-Sierra, Inc PM5313 Datasheet HTML 71Page - PMC-Sierra, Inc PM5313 Datasheet HTML 72Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
36
Pin Name
Type
Pin
No.
Function
LOF
Output
D18
The loss of frame (LOF) signal is set high when an
out of frame state persists for 3 ms. LOF is set low
when an in frame state persists for 3 ms.
LOF is updated on the rising edge of RCLK.
LOS/
Output
B18
Loss of signal (LOS) is active when the ring control
port is disabled. Loss of signal (LOS) is set high
when a violating period (20 ± 2.5 µs) of consecutive
all zeros patterns is detected in the incoming
stream. LOS is set low when two valid framing
words (A1, A2) are detected, and during the
intervening time (125 µs), no violating period of all
zeros patterns is observed.
LOS is updated on the rising edge of RCLK.
RRCPFP
The receive ring control port frame position
(RRCPFP) signal identifies bit positions in the
receive ring control port data (RRCPDAT) when the
ring control port is enabled. RRCPFP is set high
during the filtered K1 and K2 bit positions, the
change of APS value bit position, the protection
switch byte failure bit position, and the send line
AIS and send line RDI bit positions in the
RRCPDAT stream. RRCPFP can be connected
directly to the TRCPFP input of a mate
SPECTRA-622 in ring-based add-drop multiplexer
applications.
RRCPFP is updated on the falling edge of
RRCPCLK.
The enabling and disabling of the ring control port is
controlled by the RCPEN bit in the SPECTRA-622
Ring Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com