| Electronic Components Datasheet Search |
|
C8051F360 Datasheet(PDF) 52 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F360 Datasheet(HTML) 52 Page - Silicon Laboratories |
|
52 / 288 page ![]() C8051F360/1/2/3/4/5/6/7/8/9 52 Rev. 1.0 5.3.2. Tracking Modes According to Table 5.1, each ADC0 conversion must be preceded by a minimum tracking time for the con- verted result to be accurate. The AD0TM bit in register ADC0CN controls the ADC0 track-and-hold mode. In its default state, the ADC0 input is continuously tracked, except when a conversion is in progress. When the AD0TM bit is logic ‘1’, ADC0 operates in low-power track-and-hold mode. In this mode, each conver- sion is preceded by a tracking period of 3 SAR clocks (after the start-of-conversion signal). When the CNVSTR signal is used to initiate conversions in low-power tracking mode, ADC0 tracks only when CNVSTR is low; conversion begins on the rising edge of CNVSTR (see Figure 5.4). Tracking can also be disabled (shutdown) when the device is in low power standby or sleep modes. Low-power track-and-hold mode is also useful when AMUX settings are frequently changed, due to the settling time requirements described in Section “5.3.3. Settling Time Requirements” on page 53. Write '1' to AD0BUSY, Timer 0, Timer 2, Timer 1, Timer 3 Overflow (AD0CM[2:0]=000, 001,010 011, 101) AD0TM=1 Track Convert Low Power Mode AD0TM=0 Track or Convert Convert Track Low Power or Convert SAR Clocks 1234 56789 10 11 12 1234 56789 SAR Clocks B. ADC0 Timing for Internal Trigger Source 1234 56789 CNVSTR (AD0CM[2:0]=100) AD0TM=1 A. ADC0 Timing for External Trigger Source SAR Clocks Track or Convert Convert Track AD0TM=0 Track Convert Low Power Mode Low Power or Convert 10 11 13 14 10 11 Figure 5.4. 10-Bit ADC Track and Conversion Example Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |