Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F360 Datasheet(PDF) 94 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 94 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 90Page - Silicon Laboratories C8051F360 Datasheet HTML 91Page - Silicon Laboratories C8051F360 Datasheet HTML 92Page - Silicon Laboratories C8051F360 Datasheet HTML 93Page - Silicon Laboratories C8051F360 Datasheet HTML 94Page - Silicon Laboratories C8051F360 Datasheet HTML 95Page - Silicon Laboratories C8051F360 Datasheet HTML 96Page - Silicon Laboratories C8051F360 Datasheet HTML 97Page - Silicon Laboratories C8051F360 Datasheet HTML 98Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
94
Rev. 1.0
SFR Definition 9.1. SFR0CN: SFR Page Control
Bits 7–1: RESERVED. Read = 0000000b. Must Write 0000000b.
Bit 0:
SFRPGEN: SFR Automatic Page Control Enable.
Upon interrupt, the C8051 Core will vector to the specified interrupt service routine and auto-
matically switch to SFR page 0. This bit is used to control this autopaging function.
0: SFR Automatic Paging disabled. C8051 core will not automatically change to SFR page
0.
1: SFR Automatic Paging enabled. Upon interrupt, the C8051 will automatically switch to
SFR page 0.
SFR Page:
SFR Address:
F
0xE5
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
Reserved Reserved Reserved Reserved Reserved Reserved Reserved SFRPGEN 00000001
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Definition 9.2. SFRPAGE: SFR Page
Bits 7–0: SFR Page Bits: Byte Represents the SFR Page the C8051 MCU uses when reading or mod-
ifying SFR’s.
Write: Sets the SFR Page.
Read: Byte is the SFR page the C8051 MCU is using.
When enabled in the SFR Page Control Register (SFR0CN), the C8051 will automatically
switch to SFR Page 0x00 and return to the previous SFR page upon return from interrupt
(unless SFR Stack was altered before a returning from the interrupt).
SFRPAGE is the top byte of the SFR Page Stack, and push/pop events of this stack are
caused by interrupts (and not by reading/writing to the SFRPAGE register)
SFR Page:
SFR Address:
all pages
0xA7
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com