Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F360 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 21Page - Silicon Laboratories C8051F360 Datasheet HTML 22Page - Silicon Laboratories C8051F360 Datasheet HTML 23Page - Silicon Laboratories C8051F360 Datasheet HTML 24Page - Silicon Laboratories C8051F360 Datasheet HTML 25Page - Silicon Laboratories C8051F360 Datasheet HTML 26Page - Silicon Laboratories C8051F360 Datasheet HTML 27Page - Silicon Laboratories C8051F360 Datasheet HTML 28Page - Silicon Laboratories C8051F360 Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 288 page
background image
Rev. 1.0
25
C8051F360/1/2/3/4/5/6/7/8/9
nels are required. All the digital and analog peripherals are functional and work correctly while debugging.
All the peripherals (except for the ADC and SMBus) are stalled when the MCU is halted, during single
stepping, or at a breakpoint in order to keep them synchronized.
The C8051F360DK development kit provides all the hardware and software necessary to develop applica-
tion code and perform in-circuit debugging with the C8051F36x MCUs. The kit includes software with a
developer's studio and debugger, an integrated 8051 assembler, and a debug adapter. It also has a target
application board with the associated MCU installed and prototyping area, plus the required cables, and
wall-mount power supply. The Development Kit requires a PC running Windows98SE or later.
The Silicon Labs IDE interface is a vastly superior developing and debugging configuration, compared to
standard MCU emulators that use on-board "ICE Chips" and require the MCU in the application board to
be socketed. Silicon Labs' debug paradigm increases ease of use and preserves the performance of the
precision analog peripherals.
TARGET PCB
Debug
Adapter
VDD
GND
C2 (x2), VDD, GND
WINDOWS 2000 or later
Silicon Labs Integrated
Development Environment
C8051F360
Figure 1.7. Development/In-System Debug Diagram
1.4.
Programmable Digital I/O and Crossbar
C8051F36x devices include up to 39 I/O pins (four byte-wide Ports and one 7-bit-wide Port). The
C8051F36x Ports behave like typical 8051 Ports with a few enhancements. Each Port pin may be config-
ured as an analog input or a digital I/O pin. Pins selected as digital I/Os may additionally be configured for
push-pull or open-drain output. The “weak pullups” that are fixed on typical 8051 devices may be globally
disabled, providing power savings capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com