Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F360 Datasheet(PDF) 95 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 95 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 91Page - Silicon Laboratories C8051F360 Datasheet HTML 92Page - Silicon Laboratories C8051F360 Datasheet HTML 93Page - Silicon Laboratories C8051F360 Datasheet HTML 94Page - Silicon Laboratories C8051F360 Datasheet HTML 95Page - Silicon Laboratories C8051F360 Datasheet HTML 96Page - Silicon Laboratories C8051F360 Datasheet HTML 97Page - Silicon Laboratories C8051F360 Datasheet HTML 98Page - Silicon Laboratories C8051F360 Datasheet HTML 99Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 288 page
background image
Rev. 1.0
95
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 9.3. SFRNEXT: SFR Next Register
Bits 7–0: SFR Page Stack Bits: SFR page context is retained upon interrupts/return from interrupts in
a 3 byte SFR Page Stack: SFRPAGE is the first entry, SFRNEXT is the second, and SFR-
LAST is the third entry. The SFR stack bytes may be used alter the context in the SFR Page
Stack, and will not cause the stack to ‘push’ or ‘pop’. Only interrupts and return from inter-
rupts cause pushes and pops of the SFR Page Stack.
Write: Sets the SFR Page contained in the second byte of the SFR Stack. This will cause
the SFRPAGE SFR to have this SFR page value upon a return from interrupt.
Read: Returns the value of the SFR page contained in the second byte of the SFR stack.
This is the value that will go to the SFR Page register upon a return from interrupt.
SFR Page:
SFR Address:
all pages
0x85
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Definition 9.4. SFRLAST: SFR Last Register
Bits 7–0: SFR Page Stack Bits: SFR page context is retained upon interrupts/return from interrupts in
a 3 byte SFR Page Stack: SFRPAGE is the first entry, SFRNEXT is the second, and SFR-
LAST is the third entry. The SFR stack bytes may be used alter the context in the SFR Page
Stack, and will not cause the stack to ‘push’ or ‘pop’. Only interrupts and return from inter-
rupts cause pushes and pops of the SFR Page Stack.
Write: Sets the SFR Page in the last entry of the SFR Stack. This will cause the SFRNEXT
SFR to have this SFR page value upon a return from interrupt.
Read: Returns the value of the SFR page contained in the last entry of the SFR stack.
SFR Page:
SFR Address:
all pages
0x86
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com