Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F360 Datasheet(PDF) 71 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 71 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 67Page - Silicon Laboratories C8051F360 Datasheet HTML 68Page - Silicon Laboratories C8051F360 Datasheet HTML 69Page - Silicon Laboratories C8051F360 Datasheet HTML 70Page - Silicon Laboratories C8051F360 Datasheet HTML 71Page - Silicon Laboratories C8051F360 Datasheet HTML 72Page - Silicon Laboratories C8051F360 Datasheet HTML 73Page - Silicon Laboratories C8051F360 Datasheet HTML 74Page - Silicon Laboratories C8051F360 Datasheet HTML 75Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 288 page
background image
VDD
+
-
Crossbar
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
(SYNCHRONIZER)
GND
CP1 +
CP1 -
CP1
CP1A
CP1
Interrupt
0
1
0
1
CP1RIF
CP1FIF
0
1
CP1EN
0
1
EA
P2.1 / P1.3
P2.6 / P1.7
P3.4 / P2.3
P4.0 / P2.7
P2.0 / P1.2
P2.5 / P1.6
P3.3 / P2.2
P3.7 / P2.6
CMX1N0
CMX1P1
CMX1P0
CMX1N1
CP1EN
CP1OUT
CP1RIF
CP1FIF
CP1HYP1
CP1HYP0
CP1HYN1
CP1HYN0
CP1RIE
CP1FIE
CP1MD1
CP1MD0
Rev. 1.0
71
C8051F360/1/2/3/4/5/6/7/8/9
Figure 8.2. Comparator1 Functional Block Diagram
A Comparator output can be polled in software, used as an interrupt source, and/or routed to a Port pin.
When routed to a Port pin, the Comparator outputs are available asynchronous or synchronous to the sys-
tem clock; the asynchronous outputs are available even in STOP mode (with no system clock active).
When disabled, the Comparator outputs (if assigned to a Port I/O pin via the Crossbar) default to the logic
low state, and their supply current falls to less than 100 nA. See Section “17.1. Priority Crossbar Decoder”
on page 185 for details on configuring Comparator outputs via the digital Crossbar. Comparator inputs can
be externally driven from –0.25 V to (VDD) + 0.25 V without damage or upset. The complete Comparator
electrical specifications are given in Table 8.1.
The Comparator response time may be configured in software via the CPT0MD and CPT1MD registers
(see SFR Definition 8.3 and SFR Definition 8.6). Selecting a longer response time reduces the Comparator
supply current. See Table 8.1 for complete timing and power consumption specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com