Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F360 Datasheet(PDF) 28 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 24Page - Silicon Laboratories C8051F360 Datasheet HTML 25Page - Silicon Laboratories C8051F360 Datasheet HTML 26Page - Silicon Laboratories C8051F360 Datasheet HTML 27Page - Silicon Laboratories C8051F360 Datasheet HTML 28Page - Silicon Laboratories C8051F360 Datasheet HTML 29Page - Silicon Laboratories C8051F360 Datasheet HTML 30Page - Silicon Laboratories C8051F360 Datasheet HTML 31Page - Silicon Laboratories C8051F360 Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
28
Rev. 1.0
cated by a status bit and an interrupt (if enabled). The resulting 10-bit data word is latched into the ADC
data SFRs upon completion of a conversion.
Window compare registers for the ADC data can be configured to interrupt the controller when ADC data is
either within or outside of a specified range. The ADC can monitor a key voltage continuously in back-
ground mode, but not interrupt the controller unless the converted data is within/outside the specified
range.
ADC0CF
10-Bit
SAR
ADC
32
ADC0CN
Timer 0 Overflow
Timer 2 Overflow
Timer 1 Overflow
Start
Conversion
000
AD0BUSY (W)
VDD
ADC0LTH
23-to-1
AMUX
AD0WINT
Temp
Sensor
23-to-1
AMUX
VDD
P1.0
P1.7
001
010
011
100
CNVSTR Input
Window
Compare
Logic
P2.0
P2.7
GND
P1.0
P1.7
P2.0
P2.7
P3.0
P3.4
101
Timer 3 Overflow
ADC0LTL
ADC0GTH ADC0GTL
AMX0P
AMX0N
P3.0
P3.4
P3.1-3.4 available on
C8051F360/1/6/8
(+)
(-)
VREF
P3.1-3.4 available on
C8051F360/1/6/8
P1.0-1.3 available on
C8051F361/2/6/7/8/9
P1.0-1.3 available on
C8051F361/2/6/7/8/9
Figure 1.11. 10-Bit ADC Block Diagram
1.8.
Comparators
C8051F36x devices include two on-chip voltage comparators that are enabled/disabled and configured via
user software. Port I/O pins may be configured as comparator inputs via a selection mux. Two comparator
outputs may be routed to a Port pin if desired: a latched output and/or an unlatched (asynchronous) output.
Comparator response time is programmable, allowing the user to select between high-speed and low-
power modes. Positive and negative hysteresis are also configurable.
Comparator interrupts may be generated on rising, falling, or both edges. When in IDLE mode, these inter-
rupts may be used as a “wake-up” source. Comparator0 may also be configured as a reset source.
Figure 1.12 shows the Comparator0 block diagram, and Figure 1.13 shows the Comparator1 block dia-
gram.
Note: The first Port I/O pins shown in Figure 1.12 and Figure 1.13 are for the 48-pin (C8051F360/3)
devices. The second set of Port I/O pins are for the 32-pin and 28-pin (C8051F361/2/4/5/6/7/8/9) devices.
Please refer to the CPTnMX registers (SFR Definition 8.2 and SFR Definition 8.5) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com