Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F360 Datasheet(PDF) 82 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 82 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 78Page - Silicon Laboratories C8051F360 Datasheet HTML 79Page - Silicon Laboratories C8051F360 Datasheet HTML 80Page - Silicon Laboratories C8051F360 Datasheet HTML 81Page - Silicon Laboratories C8051F360 Datasheet HTML 82Page - Silicon Laboratories C8051F360 Datasheet HTML 83Page - Silicon Laboratories C8051F360 Datasheet HTML 84Page - Silicon Laboratories C8051F360 Datasheet HTML 85Page - Silicon Laboratories C8051F360 Datasheet HTML 86Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
82
Rev. 1.0
9.3.
Instruction Set
The instruction set of the CIP-51 System Controller is fully compatible with the standard MCS-51™ instruc-
tion set; standard 8051 development tools can be used to develop software for the CIP-51. All CIP-51
instructions are the binary and functional equivalent of their MCS-51™ counterparts, including opcodes,
addressing modes and effect on PSW flags. However, instruction timing is different than that of the stan-
dard 8051.
9.3.1. Instruction and CPU Timing
In many 8051 implementations, a distinction is made between machine cycles and clock cycles, with
machine cycles varying from 2 to 12 clock cycles in length. However, the CIP-51 implementation is based
solely on clock cycle timing. All instruction timings are specified in terms of clock cycles.
Due to the pipelined architecture of the CIP-51, most instructions execute in the same number of clock
cycles as there are program bytes in the instruction. Conditional branch instructions take one less clock
cycle to complete when the branch is not taken as opposed to when the branch is taken. Table 9.1 is the
CIP-51 Instruction Set Summary, which includes the mnemonic, number of bytes, and number of clock
cycles for each instruction.
9.3.2. MOVX Instruction and Program Memory
In the CIP-51, the MOVX instruction serves three purposes: accessing on-chip XRAM, accessing off-chip
XRAM, and accessing on-chip program Flash memory. The Flash access feature provides a mechanism
for user software to update program code and use the program memory space for non-volatile data stor-
age (see Section “13. Flash Memory” on page 135). The External Memory Interface provides a fast access
to off-chip XRAM (or memory-mapped peripherals) via the MOVX instruction. Refer to Section
“15. External Data Memory Interface and On-Chip XRAM” on page 153 for details.
Table 9.1. CIP-51 Instruction Set Summary
Mnemonic
Description
Bytes
Clock
Cycles
Arithmetic Operations
ADD A, Rn
Add register to A
1
1
ADD A, direct
Add direct byte to A
2
2
ADD A, @Ri
Add indirect RAM to A
1
2
ADD A, #data
Add immediate to A
2
2
ADDC A, Rn
Add register to A with carry
1
1
ADDC A, direct
Add direct byte to A with carry
2
2
ADDC A, @Ri
Add indirect RAM to A with carry
1
2
ADDC A, #data
Add immediate to A with carry
2
2
SUBB A, Rn
Subtract register from A with borrow
1
1
SUBB A, direct
Subtract direct byte from A with borrow
2
2
SUBB A, @Ri
Subtract indirect RAM from A with borrow
1
2
SUBB A, #data
Subtract immediate from A with borrow
2
2
INC A
Increment A
1
1
INC Rn
Increment register
1
1
INC direct
Increment direct byte
2
2
INC @Ri
Increment indirect RAM
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com