Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F360 Datasheet(PDF) 24 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 20Page - Silicon Laboratories C8051F360 Datasheet HTML 21Page - Silicon Laboratories C8051F360 Datasheet HTML 22Page - Silicon Laboratories C8051F360 Datasheet HTML 23Page - Silicon Laboratories C8051F360 Datasheet HTML 24Page - Silicon Laboratories C8051F360 Datasheet HTML 25Page - Silicon Laboratories C8051F360 Datasheet HTML 26Page - Silicon Laboratories C8051F360 Datasheet HTML 27Page - Silicon Laboratories C8051F360 Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
24
Rev. 1.0
1.2.
On-Chip Memory
The CIP-51 has a standard 8051 program and data address configuration. It includes 256 bytes of data
RAM, with the upper 128 bytes dual-mapped. Indirect addressing accesses the upper 128 bytes of general
purpose RAM, and direct addressing accesses the 128 byte SFR address space. The lower 128 bytes of
RAM are accessible via direct and indirect addressing. The first 32 bytes are addressable as four banks of
general purpose registers, and the next 16 bytes can be byte addressable or bit addressable.
Program memory consists of 32/16 kB of Flash. This memory may be reprogrammed in-system in 1024
byte sectors, and requires no special off-chip programming voltage. See Figure 1.6 for the MCU system
memory map.
FLASH
(In-System
Programmable in 1024
Byte Sectors)
PROGRAM MEMORY
0x0000
(Direct and Indirect
Addressing)
0x00
0x7F
Upper 128 RAM
(Indirect Addressing
Only)
0x80
0xFF
Special Function
Register's
(Direct Addressing Only)
RESERVED
0x7C00
0x7BFF
DATA MEMORY
General Purpose
Registers
0x1F
0x20
0x2F
Bit Addressable
Lower 128 RAM
(Direct and Indirect
Addressing)
0x30
C8051F360/1/2/3/4/5/6/7
FLASH
(In-System
Programmable in 1024
Byte Sectors)
0x0000
0x4000
0x3FFF
C8051F368/9
EXTERNAL DATA ADDRESS SPACE
INTERNAL DATA ADDRESS SPACE
XRAM - 1024 Bytes
(accessable using MOVX
instruction)
0x0000
0x03FF
Same 1024 bytes as from
0x0000 to 0x03FF, wrapped
on 1024-byte boundaries
0x0400
0xFFFF
RESERVED
Figure 1.6. On-Board Memory Map
1.3.
On-Chip Debug Circuitry
The C8051F36x devices include on-chip Silicon Labs 2-Wire (C2) debug circuitry that provides non-intru-
sive, full speed, in-circuit debugging of the production part installed in the end application.
Silicon Labs' debugging system supports inspection and modification of memory and registers, break-
points, and single stepping. No additional target RAM, program memory, timers, or communications chan-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com