Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F360 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 26Page - Silicon Laboratories C8051F360 Datasheet HTML 27Page - Silicon Laboratories C8051F360 Datasheet HTML 28Page - Silicon Laboratories C8051F360 Datasheet HTML 29Page - Silicon Laboratories C8051F360 Datasheet HTML 30Page - Silicon Laboratories C8051F360 Datasheet HTML 31Page - Silicon Laboratories C8051F360 Datasheet HTML 32Page - Silicon Laboratories C8051F360 Datasheet HTML 33Page - Silicon Laboratories C8051F360 Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 288 page
background image
VDD
+
-
Crossbar
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
(SYNCHRONIZER)
GND
CP1 +
CP1 -
CP1
CP1A
CP1
Interrupt
0
1
0
1
CP1RIF
CP1FIF
0
1
CP1EN
0
1
EA
P2.1 / P1.3
P2.6 / P1.7
P3.4 / P2.3
P4.0 / P2.7
P2.0 / P1.2
P2.5 / P1.6
P3.3 / P2.2
P3.7 / P2.6
CMX1N0
CMX1P1
CMX1P0
CMX1N1
CP1EN
CP1OUT
CP1RIF
CP1FIF
CP1HYP1
CP1HYP0
CP1HYN1
CP1HYN0
CP1RIE
CP1FIE
CP1MD1
CP1MD0
C8051F360/1/2/3/4/5/6/7/8/9
30
Rev. 1.0
Figure 1.13. Comparator1 Block Diagram
1.9.
10-bit Current Output DAC
The C8051F360/1/2/6/7/8/9 devices includes a 10-bit current-mode Digital-to-Analog Converter (IDA0).
The maximum current output of the IDA0 can be adjusted for three different current settings; 0.5 mA,
1 mA, and 2 mA. IDA0 features a flexible output update mechanism which allows for seamless full-scale
changes and supports jitter-free updates for waveform generation. Three update modes are provided,
allowing IDA0 output updates on a write to IDA0H, on a Timer overflow, or on an external pin edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com