| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1228 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1228 Page - Freescale Semiconductor, Inc |
|
1228 / 1386 page ![]() ATM Transmission Convergence Layer MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 35-12 Freescale Semiconductor 35.4.3.3 Errored Cell Counters 1–8 (TC_ECC x) This cell counter is updated whenever a received errored cell (cell with header error) is discarded. 35.4.3.4 Corrected Cell Counters 1–8 (TC_CCC x) This cell counter is updated whenever a received cell with a HEC single bit error is corrected. If header single bit error correction is not enabled (TCMODE[SBC] is set), this counter is not updated. (All errored cells are counted by the errored cell counter (ECC).) 35.4.3.5 Transmitted IDLE Cell Counters 1–8 (TC_ICC x) This cell counter is updated whenever an idle cell is transmitted. 35.4.3.6 Filtered Cell Counters 1–8 (TC_FCC x) This cell counter is updated whenever an idle/unassigned cell is filtered (discarded). If cell filters are not enabled (TCMODE[CF] is cleared), this counter is not updated. 35.4.4 Programming FCC2 FCC2 is designed to work with the TC blocks. The TC blocks are located on fixed addresses on the UTOPIA bus internally. FCC2 should be programmed to work with the TC blocks as if the TC blocks are external PHYs located on the lowest eight (or fewer) addresses. 35.4.5 Programming and Operating the TC Layer 35.4.5.1 Receive The TC layer receive operation is enabled by setting TCMODEx[RXEN]. The host software polls the CD bits of each enabled TC layer block to see that its receive cell delineation state machines are synchronized. For each TC layer block that is synchronized, the host clears TCERx[CDT]. Once all the enabled TC layer blocks are synchronized, the host terminates its initialization routine, and the system starts normal operation. Once a TC block gets out of synchronization, the corresponding TCGSR[CD] is cleared. This change then causes a TCER[CDT] interrupt to the host (if enabled in the mask register—TCMRx). On the receive path, the TC layer receives the bit stream via the SI and does the following: 1. Attempts to gain synchronization on the ATM cell boundaries by checking each byte against the HEC calculated on the preceding 32 bits (ATM cell header candidate). 2. Once synchronized: — Performs the descrambling function on the cell payload (if enabled) — Performs the coset function on the HEC (if enabled) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |