Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64LKB Datasheet(PDF) 59 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 59 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 55Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 56Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 57Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 58Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 59Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 60Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 61Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 62Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 63Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 59
Version 1.4
Operating Mode Clock Control Table
Operating
Mode
Normal Mode
Slow Mode
Green Mode
Power Down Mode
IHRC
IHRC, IHRC_RTC:
Running
Ext. OSC: Disable
IHRC, IHRC_RTC: By
STPHX
Ext. OSC: Disable
IHRC, IHRC_RTC: By
STPHX
Ext. OSC: Disable
Stop
ILRC
Running
Running
Running
Stop
Ext. Osc.
IHRC: Disable
IHRC_RTC, Ext. OSC:
Running
IHRC: Disable
IHRC_RTC: Running
Ext. OSC: By STPHX
IHRC: By STPHX
IHRC_RTC: Running
Ext. OSC: By STPHX
Stop
CPU instruction
Executing
Executing
Stop
Stop
T0 timer
Active
By T0ENB
Active
By T0ENB
Active
By T0ENB
Inactive
TC0 timer
(Timer, Event counter,
PWM)
Active
By TC0ENB
Active
By TC0ENB
Active
By TC0ENB
Inactive
TC1 timer
(Timer, Event counter,
PWM)
Active
By TC1ENB
Active
By TC1ENB
Active
By TC1ENB
Inactive
TC2 timer
(Timer, Event counter,
PWM)
Active
By TC2ENB
Active
By TC2ENB
Active
By TC2ENB
Inactive
T1 timer
(Timer, Event counter)
Active
By T1ENB
Active
By T1ENB
Active
By T1ENB
Inactive
SIO
Active as enable
Inactive
Inactive
Inactive
MSP
Active as enable
Inactive
Inactive
Inactive
UART
Active as enable
Inactive
Inactive
Inactive
ADC
Active as enable
Active as enable
Active as enable
Inactive
Watchdog timer
By Watch_Dog
Code option
By Watch_Dog
Code option
By Watch_Dog
Code option
By Watch_Dog
Code option
Internal interrupt
All active
All active
All active
All inactive
External interrupt
All active
All active
All active
All inactive
Wakeup source
-
-
P0, P1, T0, Reset
P0, P1, MSP, Reset
Ext.Osc: External high-speed oscillator (XIN/XOUT).
IHRC: Internal high-speed oscillator RC type.
ILRC: Internal low-speed oscillator RC type.
Note:
1.
SIO, MSP and UART inactive in slow mode and green mo
de, because the clock source doesn’t exist.
Use firmware to disable SIO, MSP, UART function before inserting slow mode and green mode.
2.
In IHRC_RTC mode, STPHX only controls IHRC, not Ext. 32K. STPHX=0, IHRC actives. STPHX=1, IHRC
stops.
5.2 NORMAL MODE
The Normal Mode is system high clock operating mode. The system clock source is from high speed oscillator. The
program is executed. After power on and any reset trigger released, the system inserts into normal mode to execute
program. When the system is wake-up from power down mode, the system also inserts into normal mode. In normal
mode, the high speed oscillator actives, and the power consumption is largest of all operating modes.
The program is executed, and full functions are controllable.
The system rate is high speed.
The high speed oscillator and internal low speed RC type oscillator active.
Normal mode can be switched to other operating modes through OSCM register.
Power down mode is wake-up to normal mode.
Slow mode is switched to normal mode.
Green mode from normal mode is wake-up to normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com