Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64LKB Datasheet(PDF) 16 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 16 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 12Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 13Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 14Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 15Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 16Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 17Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 18Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 19Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 20Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 16
Version 1.4
2
2
2 CENTRAL PROCESSOR UNIT (CPU)
2.1 PROGRAM MEMORY (FLASH ROM)
6K words FLASH ROM
Address
ROM
Comment
0000H
Reset vector
Reset vector
0001H
General purpose area
User program
.
0007H
0008H
WAKE Interrupt vector
Interrupt vector
0009H
INT0 Interrupt vector
000AH
INT1 Interrupt vector
000BH
T0 Interrupt vector
000CH
TC0 Interrupt vector
000DH
TC1 Interrupt vector
000EH
TC2 Interrupt vector
000FH
T1 Interrupt vector
0010H
ADC Interrupt vector
0011H
SIO Interrupt vector
0012H
I2C Interrupt vector
0013H UART RX Interrupt vector
0014H UART TX Interrupt vector
0015H
General purpose area
User program
.
.
.
.
End of user program
17F8H
Reserved
17F9H
.
17FDH
17FEH
17FFH
The ROM includes Reset vector, Interrupt vector, General purpose area and Reserved area. The Reset vector is
program beginning address. The Interrupt vector is the head of interrupt service routine when any interrupt occurring.
The General purpose area is main program area including main loop, sub-routines and data table.
0x0000 Reset Vector: Program counter points to 0x0000 after any reset events (power on reset, reset pin
reset, watchdog reset, LVD reset…).
0x0001~0x0007: General purpose area to process system reset operation.
0x0008~0x0014: Multi interrupt vector area. Each of interrupt events has a unique interrupt vector.
0x0015~0x177F: General purpose area for user program and ISP (EEPROM function).
0x1780~0x17F7: General purpose area for user program. Do not execute ISP.
0x17F8~0x17FF: Reserved area. Do not execute ISP.
ROM security rule is even address ROM data protected and outputs 0x0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com