Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64LKB Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 5Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 6Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 7Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 8Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 9Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 10Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 11Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 12Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 9
Version 1.4
SN8F27E60 series micro-controller includes two types for different power types.
For AC power type (alternating current power source) and DC high voltage power (≦5.5V), the power pin has VDD and
VDDL. VDD pin is connect to DC power source from DC-DC inverter or regulator and connects a 0.1uF capacitor to
VSS pin (ground). VDDL is internal power terminal, not connect with power source, and only connects a 0.1uF
capacitor to VSS pin (ground). This pin assignment has high power noise immunity, but the static current is larger. The
application field is household, motor control…
SN8F27E60
Series MCU
VDD
VDDL
VSS
Regulator
0.1uF
0.1uF
Rectification
AC Power
Source
+
-
L
N
SN8F27E60
Series MCU
VDD
VDDL
VSS
0.1uF
0.1uF
DC Power
Source
(1.8V~5.5V)
+
-
(1.8V~5.5V)
For DC power type (battery power source), the power pin is VDD. VDD pin is connect to DC power source from battery
and connects a 0.1uF capacitor to VSS pin (ground). This pin assignment has low power noise immunity, but the static
current is very low. The application field is portable application…
SN8F27E60L
Series MCU
VDD
VSS
Regulator
0.1uF
DC Power
Source
(>3.3V)
+
-
SN8F27E60L
Series MCU
VDD
VSS
0.1uF
DC Power
Source
(1.8V~3.3V)
+
-
(1.8V~3.3V)
Features Selection Table
SN8F27E60 Series
CHIP
ROM
RAM
Stack
Timer
I/O
PWM
ADC
SIO
UART
MSP
Ext.INT
ISP/
Embedded
ICE
Operating
Voltage
Package
SN8F27E65
6K*16
512
8
8-bit*4
16-bit*1
27
3-ch
12-ch
V
V
V
2
V
1.8V~5.5V
DIP32
LQFP32
QFN32
SDIP32
SN8F27E64
6K*16
512
8
8-bit*4
16-bit*1
25
3-ch
11-ch
V
V
V
2
V
1.8V~5.5V
SKDIP28
SOP28
SSOP28
QFN28
SN8F27E62
6K*16
512
8
8-bit*4
16-bit*1
17
3-ch
9-ch
-
V
-
1
V
1.8V~5.5V
DIP20
SOP20
SN8F27E60L Series
CHIP
ROM
RAM
Stack
Timer
I/O
PWM
ADC
SIO
UART
MSP
Ext.INT
ISP/
Embedded
ICE
Operating
Voltage
Package
SN8F27E65L
6K*16
512
8
8-bit*4
16-bit*1
27
3-ch
12-ch
V
V
V
2
V
1.8V~3.3V
DIP32
LQFP32
QFN32
SDIP32
SN8F27E64L
6K*16
512
8
8-bit*4
16-bit*1
25
3-ch
11-ch
V
V
V
2
V
1.8V~3.3V
SKDIP28
SOP28
SSOP28
QFN28
SN8F27E62L
6K*16
512
8
8-bit*4
16-bit*1
17
3-ch
9-ch
-
V
-
1
V
1.8V~3.3V
DIP20
SOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com