Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64LKB Datasheet(PDF) 14 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 14 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 10Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 11Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 12Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 13Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 14Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 15Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 16Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 17Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 18Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 14
Version 1.4
AIN4: ADC channel 4 input pin.
P4.5/AIN5
I/O
P4.5: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN5: ADC channel 5 input pin.
P4.6/AIN6
I/O
P4.6: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN6: ADC channel 6 input pin.
P4.7/AIN7
I/O
P4.7: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN7: ADC channel 7 input pin.
P5.0/AIN8
I/O
P5.0: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN8: ADC channel 8 input pin.
P5.1/AIN9/
PWM0
I/O
P5.1: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN9: ADC channel 9 input pin.
PWM0: PWM 0 output pin.
P5.2/AIN10/
PWM1
I/O
P5.2: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN10: ADC channel 10 input pin.
PWM1: PWM 1 output pin.
P5.3/AIN11/
PWM2
I/O
P5.3: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN11: ADC channel 11 input pin.
PWM2: PWM 2 output pin.
1.5 PIN CIRCUIT DIAGRAMS
Normal bi-direction I/O pin.
Pull-Up
Resistor
Output
Latch
Pin
PnUR
PnM
I/O Input Bus
I/O Output Bus
PnM
Bi-direction I/O pin shared with specific digital input function, e.g. INT0, event counter, SIO, MSP,
UART…
Pull-Up
Resistor
Output
Latch
Pin
PnUR
PnM
Specific Input Bus
Output Bus
PnM
Specific Input
Function Control Bit
IO Input Bus
*. Specific Output
Function Control Bit
*. Some specific functions switch I/O direction directly, not through PnM register.
Bi-direction I/O pin shared with specific digital output function, e.g. PWM, SIO, MSP, UAR
T…
Pull-Up
Resistor
Output
Latch
Pin
PnUR
PnM
Output Bus
PnM
IO Input Bus
Specific Output
Function Control Bit
Specific Output Bus
*. Specific Output
Function Control Bit
*. Some specific functions switch I/O direction directly, not through PnM register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com