Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64LKB Datasheet(PDF) 83 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 83 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 79Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 80Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 81Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 82Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 83Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 84Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 85Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 86Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 87Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 83
Version 1.4
7.5 PORT 4, PORT 5 ADC SHARE PIN
The Port 4, Port 5 are shared with ADC input function and no Schmitt trigger structure. Only one pin of port 4, port 5
can be configured as ADC input in the same time by ADM register. The other pins of port 4, port 5 are digital I/O pins.
Connect an analog signal to COMS digital input pin, especially the analog signal level is about 1/2 VDD will cause extra
current leakage. In the power down mode, the above leakage current will be a big problem. Unfortunately, if users
connect more than one analog input signal to port 4 or port 5 will encounter above current leakage situation. P4CON is
Port4 Configuration register. P5CON is Port5 Configuration register. Write
“1” into P4CON.n or P5CON.n will configure
related port 4 or port 5 pin will be set as input mode and disable pull-up resistor.
0C6H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P4CON
P4CON7
P4CON6
P4CON5
P4CON4
P4CON3
P4CON2
P4CON1
P4CON0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
Bit [7:0]
P4CON [7:0]: P4.n configuration control bits.
0 = P4.n can be a digital I/O pin.
1 = P4.n will be set as input mode and disable pull-up resistor.
0C7H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P5CON
P5CON3
P5CON2
P5CON1
P5CON0
Read/Write
R/W
R/W
R/W
R/W
After reset
0
0
0
0
Bit [3:0]
P5CON [3:0]: P5.n configuration control bits.
0 = P5.n can be a digital I/O pin.
1 = P5.n will be set as input mode and disable pull-up resistor.
Port 4 and Port 5 ADC analog input is controlled by GCHS and CHSn bits of ADM register. If GCHS = 0, P4.n and P5.n
are general purpose bi-direction I/O port. If GCHS = 1, P4.n and P5.n pointed by CHSn is ADC analog signal input pin.
0C8H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADM
ADENB
ADS
EOC
GCHS
CHS3
CHS2
CHS1
CHS0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
Bit 4
GCHS: Global channel select bit.
0 = Disable AIN channel.
1 = Enable AIN channel.
Bit [3:0]
CHS [3:0]: ADC input channels select bit.
0000 = AIN0, 0001 = AIN1, 0010 = AIN2, 0011 = AIN3, 0100 = AIN4, 0101 = AIN5, 0110 = AIN6,
0111 = AIN7, 1000 = AIN8, 1001 = AIN9, 1010 = AIN10, 1011 = AIN11.
Note: For P4.n and P5.n general purpose I/O function, users should make sure of P4.n and P5.n
’s ADC
channel are disabled, or P4.n and P5.n are automatically set as ADC analog input when GCHS = 1 and
CHS[3:0] point to P4.n and P5.n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com