| Electronic Components Datasheet Search |
|
SN8F27E64LKB Datasheet(PDF) 43 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8F27E64LKB Datasheet(HTML) 43 Page - SONiX Technology Company |
|
43 / 192 page ![]() SN8F27E60 Series 8-Bit Flash Micro-Controller with Embedded ICE and ISP SONiX TECHNOLOGY CO., LTD Page 43 Version 1.4 2.5.1 Fcpu Code Option Fcpu means instruction cycle whose clock source includes high/low speed oscillator in different operating modes. High_Fcpu and Low_Fcpu code options select instruction cycle pre-scaler to decide instruction cycle rate. In normal mode (high speed clock), the system clock source is high speed oscillator, and Fcpu clock rate has eight options including Fhosc/1, Fhosc/2, Fhosc/4, Fhosc/8, Fhosc/16, Fhosc/32, Fhosc/64, Fhosc/128. In slow mode (low speed clock), the system clock source is internal low speed RC oscillator, and the Fcpu including Flosc/1, Flosc/2, Flosc/4, Flosc/8. 2.5.2 Reset_Pin code option The reset pin is shared with general input only pin controlled by code option. Reset: The reset pin is external reset function. When falling edge trigger occurring, the system will be reset. P04: Set reset pin to general bi-direction pin (P0.4). The external reset function is disabled and the pin is bi-direction pin. 2.5.3 Security code option Security code option is Flash ROM protection. When enable security code option, the ROM code is secured and not dumped complete ROM contents. 2.5.4 Noise Filter code option Noise Filter code option is a power noise filter manner to reduce noisy effect of system clock. If noise filter enable, In high noisy environment, enable noise filter, enable watchdog timer and select a good LVD level can make whole system work well and avoid error event occurrence. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |