Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64LKB Datasheet(PDF) 19 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 19 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 15Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 16Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 17Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 18Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 19Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 20Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 21Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 22Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 23Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 19
Version 1.4
Example: Defining Interrupt Vector. The interrupt service routine is following user program.
.CODE
ORG
0
; 0000H
JMP
START
; Jump to user program address.
…
ORG
8
; Interrupt vector, 0008H.
JMP
ISR_WAKE
; Jump to interrupt service routine address.
JMP
ISR_INT0
JMP
ISR_INT1
JMP
ISR_T0
JMP
ISR_TC0
JMP
ISR_TC1
JMP
ISR_TC2
JMP
ISR_T1
JMP
ISR_ADC
JMP
ISR_SIO
JMP
ISR_MSP
JMP
ISR_UART_RX
JMP
ISR_UART_TX
ORG
15H
START:
; 0015H, The head of user program.
…
; User program.
…
…
JMP
START
; End of user program.
…
ISR_WAKE:
; The head of interrupt service routine.
; Save ACC and 0x80~0x8F register to buffers.
…
; Load ACC and 0x80~0x8F register from buffers.
RETI
; End of interrupt service routine.
ISR_INT0:
;
; Save ACC and 0x80~0x8F register to buffers.
…
; Load ACC and 0x80~0x8F register from buffers.
RETI
; End of interrupt service routine.
…
…
…
…
…
ISR_UART_TX:
;
; Save ACC and 0x80~0x8F register to buffers.
…
; Load ACC and 0x80~0x8F register from buffers.
RETI
; End of interrupt service routine.
ENDP
; End of program.
Note: It is easy to understand the rules of SONIX program from demo programs given above. These
points are as following:
1.
The address 0000H is a
“JMP” instruction to make the program starts from the beginning.
2.
The address 0008H~0014H is interrupt vector.
3.
User
’s program is a loop routine for main purpose application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com