Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 16Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 17Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 18Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 19Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 20Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 21Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 22Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 23Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
PIC16F84A
DS35007B-page 18
© 2001 Microchip Technology Inc.
TABLE 4-3:
PORTB FUNCTIONS
TABLE 4-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit
Buffer Type
I/O Consistency Function
RB0/INT
bit0
TTL/ST(1)
Input/output pin or external interrupt input.
Internal software programmable weak pull-up.
RB1
bit1
TTL
Input/output pin. Internal software programmable weak pull-up.
RB2
bit2
TTL
Input/output pin. Internal software programmable weak pull-up.
RB3
bit3
TTL
Input/output pin. Internal software programmable weak pull-up.
RB4
bit4
TTL
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up.
RB5
bit5
TTL
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up.
RB6
bit6
TTL/ST(2)
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up. Serial programming clock.
RB7
bit7
TTL/ST(2)
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up. Serial programming data.
Legend: TTL = TTL input, ST = Schmitt Trigger.
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
2: This buffer is a Schmitt Trigger input when used in Serial Programming mode.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
RESETS
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT xxxx xxxx uuuu uuuu
86h
TRISB
TRISB7
TRISB6
TRISB5 TRISB4 TRISB3 TRISB2 TRISB1
TRISB0
1111 1111 1111 1111
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
0Bh,8Bh
INTCON
GIE
EEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x 0000 000u
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com