Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 22Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 23Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 24Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 25Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 26Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 27Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 28Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 29Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
PIC16F84A
DS35007B-page 24
© 2001 Microchip Technology Inc.
6.3
RESET
The PIC16F84A differentiates between various kinds
of RESET:
• Power-on Reset (POR)
•MCLR during normal operation
•MCLR during SLEEP
• WDT Reset (during normal operation)
• WDT Wake-up (during SLEEP)
Figure 6-4 shows a simplified block diagram of the
On-Chip RESET Circuit. The MCLR Reset path has a
noise filter to ignore small pulses. The electrical speci-
fications state the pulse width requirements for the
MCLR pin.
Some registers are not affected in any RESET condition;
their status is unknown on a POR and unchanged in any
other RESET. Most other registers are reset to a “RESET
state” on POR, MCLR or WDT Reset during normal oper-
ation and on MCLR during SLEEP. They are not affected
by a WDT Reset during SLEEP, since this RESET is
viewed as the resumption of normal operation.
Table 6-3 gives a description of RESET conditions for
the program counter (PC) and the STATUS register.
Table 6-4 gives a full description of RESET states for all
registers.
The TO and PD bits are set or cleared differently in dif-
ferent RESET situations (Section 6.7). These bits are
used in software to determine the nature of the RESET.
FIGURE 6-4:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
TABLE 6-3:
RESET CONDITION FOR PROGRAM COUNTER AND THE STATUS REGISTER
S
R
Q
External Reset
MCLR
VDD
OSC1/
WDT
Module
VDD Rise
Detect
OST/PWRT
On-Chip
RC Osc(1)
WDT
Time-out
Power-on Reset
OST
10-bit Ripple Counter
PWRT
Chip_Reset
10-bit Ripple Counter
Reset
Enable OST
Enable PWRT
SLEEP
CLKIN
Note 1: This is a separate oscillator from the RC oscillator of the CLKIN pin.
2: See Table 6-5.
See Table 6-5
Condition
Program Counter
STATUS Register
Power-on Reset
000h
0001 1xxx
MCLR during normal operation
000h
000u uuuu
MCLR during SLEEP
000h
0001 0uuu
WDT Reset (during normal operation)
000h
0000 1uuu
WDT Wake-up
PC + 1
uuu0 0uuu
Interrupt wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
Legend: u = unchanged, x = unknown
Note 1: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com