Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 20Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 21Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 22Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 23Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 24Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 25Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 26Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 27Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
PIC16F84A
DS35007B-page 22
© 2001 Microchip Technology Inc.
6.2
Oscillator Configurations
6.2.1
OSCILLATOR TYPES
The PIC16F84A can be operated in four different
oscillator
modes.
The
user
can
program
two
configuration bits (FOSC1 and FOSC0) to select one of
these four modes:
• LP
Low Power Crystal
• XT
Crystal/Resonator
• HS
High Speed Crystal/Resonator
• RC
Resistor/Capacitor
6.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In XT, LP, or HS modes, a crystal or ceramic resonator
is connected to the OSC1/CLKIN and OSC2/CLKOUT
pins to establish oscillation (Figure 6-1).
FIGURE 6-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS, XT OR LP OSC
CONFIGURATION)
The PIC16F84A oscillator design requires the use of a
parallel cut crystal. Use of a series cut crystal may give
a
frequency
out
of
the
crystal
manufacturers
specifications. When in XT, LP, or HS modes, the
device can have an external clock source to drive the
OSC1/CLKIN pin (Figure 6-2).
FIGURE 6-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR
LP OSC
CONFIGURATION)
TABLE 6-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
Note 1: See Table 6-1 for recommended values
of C1 and C2.
2: A series resistor (RS) may be required
for AT strip cut crystals.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
SLEEP
To
Logic
PIC16FXX
RS(2)
Internal
Ranges Tested:
Mode
Freq
OSC1/C1
OSC2/C2
XT
455 kHz
2.0 MHz
4.0 MHz
47 - 100 pF
15 - 33 pF
15 - 33 pF
47 - 100 pF
15 - 33 pF
15 - 33 pF
HS
8.0 MHz
10.0 MHz
15 - 33 pF
15 - 33 pF
15 - 33 pF
15 - 33 pF
Note:
Recommended values of C1 and C2 are
identical to the ranges tested in this table.
Higher capacitance increases the stability
of the oscillator, but also increases the
start-up time. These values are for design
guidance only. Since each resonator has
its own characteristics, the user should
consult the resonator manufacturer for the
appropriate values of external compo-
nents.
Note:
When using resonators with frequencies
above 3.5 MHz, the use of HS mode rather
than XT mode, is recommended. HS mode
may be used at any VDD for which the
controller is rated.
OSC1
OSC2
Open
Clock from
Ext. System
PIC16FXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com