Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 39Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 40Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 41Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 42Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 43Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 44Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 45Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 46Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
© 2000 Microchip Technology Inc.
DS35007B-page 41
PIC16F84A
RLF
Rotate Left f through Carry
Syntax:
[
label ] RLF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ’f’ are
rotated one bit to the left through
the Carry Flag. If ’d’ is 0, the
result is placed in the W register.
If ’d’ is 1, the result is stored back
in register ’f’.
RRF
Rotate Right f through Carry
Syntax:
[
label ]
RRF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ’f’ are
rotated one bit to the right through
the Carry Flag. If ’d’ is 0, the result
is placed in the W register. If ’d’ is
1, the result is placed back in
register ’f’.
SLEEP
Syntax:
[
label ]SLEEP
Operands:
None
Operation:
00h
→ WDT,
0
→ WDT prescaler,
1
→ TO,
0
→ PD
Status Affected:
TO, PD
Description:
The power-down status bit, PD is
cleared. Time-out status bit, TO
is set. Watchdog Timer and its
prescaler are cleared.
The processor is put into SLEEP
mode with the oscillator stopped.
Register f
C
Register f
C
SUBLW
Subtract W from Literal
Syntax:
[
label ] SUBLW k
Operands:
0
≤ k ≤ 255
Operation:
k - (W)
→ (W)
Status Affected: C, DC, Z
Description:
The W register is subtracted (2’s
complement method) from the
eight-bit literal 'k'. The result is
placed in the W register.
SUBWF
Subtract W from f
Syntax:
[
label ] SUBWF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - (W)
→ (destination)
Status Affected: C, DC, Z
Description:
Subtract (2’s complement method)
W register from register 'f'. If 'd' is 0,
the result is stored in the W regis-
ter. If 'd' is 1, the result is stored
back in register 'f'.
SWAPF
Swap Nibbles in f
Syntax:
[
label ] SWAPF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f<3:0>)
→ (destination<7:4>),
(f<7:4>)
→ (destination<3:0>)
Status Affected:
None
Description:
The upper and lower nibbles of
register 'f' are exchanged. If 'd' is
0, the result is placed in W regis-
ter. If 'd' is 1, the result is placed in
register 'f'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com