Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 21Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 22Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 23Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 24Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 25Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 26Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 27Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 28Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 23
PIC16F84A
TABLE 6-2:
CAPACITOR SELECTION
FOR CRYSTAL OSCILLATOR
6.2.3
RC OSCILLATOR
For timing insensitive applications, the RC device
option offers additional cost savings. The RC oscillator
frequency is a function of the supply voltage, the
resistor (REXT) values, capacitor (CEXT) values, and
the operating temperature. In addition to this, the oscil-
lator frequency will vary from unit to unit due to normal
process
parameter
variation.
Furthermore,
the
difference in lead frame capacitance between package
types also affects the oscillation frequency, especially
for low CEXT values. The user needs to take into
account variation, due to tolerance of the external
R and C components. Figure 6-3 shows how an R/C
combination is connected to the PIC16F84A.
FIGURE 6-3:
RC OSCILLATOR MODE
Mode
Freq
OSC1/C1
OSC2/C2
LP
32 kHz
200 kHz
68 - 100 pF
15 - 33 pF
68 - 100 pF
15 - 33 pF
XT
100 kHz
2 MHz
4 MHz
100 - 150 pF
15 - 33 pF
15 - 33 pF
100 - 150 pF
15 - 33 pF
15 - 33 pF
HS
4 MHz
20 MHz
15 - 33 pF
15 - 33 pF
15 - 33 pF
15 - 33 pF
Note:
Higher capacitance increases the stability
of the oscillator, but also increases the
start-up time. These values are for design
guidance only. Rs may be required in HS
mode, as well as XT mode, to avoid over-
driving crystals with low drive level specifi-
cation. Since each crystal has its own
characteristics, the user should consult the
crystal
manufacturer
for
appropriate
values of external components.
For VDD > 4.5V, C1 = C2
≈ 30 pF is recom-
mended.
OSC2/CLKOUT
CEXT
REXT
PIC16FXX
OSC1
FOSC/4
Internal
Clock
VDD
VSS
Recommended values:
5 k
Ω ≤ REXT ≤ 100 kΩ
CEXT > 20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com