Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 55Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 56Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 57Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 58Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 59Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 60Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 61Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 62Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 57
PIC16F84A
9.3.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 9-6:
EXTERNAL CLOCK TIMING
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
4
4
2
TABLE 9-2:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency(1)
DC
—
2
MHz
XT, RC osc
(-04, LF)
DC
—
4
MHz
XT, RC osc
(-04)
DC
—
20
MHz
HS osc
(-20)
DC
—
200
kHz
LP osc
(-04, LF)
Oscillator Frequency(1)
DC
—
2
MHz
RC osc
(-04, LF)
DC
—
4
MHz
RC osc
(-04)
0.1
—
2
MHz
XT osc
(-04, LF)
0.1
—
4
MHz
XT osc
(-04)
1.0
—
20
MHz
HS osc
(-20)
DC
—
200
kHz
LP osc
(-04, LF)
1TOSC
External CLKIN Period(1)
500
—
—
ns
XT, RC osc
(-04, LF)
250
—
—
ns
XT, RC osc
(-04)
50
—
—
ns
HS osc
(-20)
5.0
—
—
µs
LP osc
(-04, LF)
Oscillator Period(1)
500
—
—
ns
RC osc
(-04, LF)
250
—
—
ns
RC osc
(-04)
500
—
10,000
ns
XT osc
(-04, LF)
250
—
10,000
ns
XT osc
(-04)
50
—
1,000
ns
HS osc
(-20)
5.0
—
—
µs
LP osc
(-04, LF)
2TCY
Instruction Cycle Time(1)
0.2
4/FOSC
DC
µs
3
TosL,
TosH
Clock in (OSC1) High or Low
Time
60
—
—
ns
XT osc
(-04, LF)
50
—
—
ns
XT osc
(-04)
2.0
—
—
µs
LP osc
(-04, LF)
17.5
—
—
ns
HS osc
(-20)
4TosR,
TosF
Clock in (OSC1) Rise or Fall
Time
25
—
—
ns
XT osc
(-04)
50
—
—
ns
LP osc
(-04, LF)
7.5
—
—
ns
HS osc
(-20)
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator opera-
tion and/or higher than expected current consumption. All devices are tested to operate at "Min." values
with an external clock applied to the OSC1 pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com